Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC74788 Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC74788
Description  On-Screen Display Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74788 Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC74788 Datasheet HTML 6Page - Sanyo Semicon Device LC74788 Datasheet HTML 7Page - Sanyo Semicon Device LC74788 Datasheet HTML 8Page - Sanyo Semicon Device LC74788 Datasheet HTML 9Page - Sanyo Semicon Device LC74788 Datasheet HTML 10Page - Sanyo Semicon Device LC74788 Datasheet HTML 11Page - Sanyo Semicon Device LC74788 Datasheet HTML 12Page - Sanyo Semicon Device LC74788 Datasheet HTML 13Page - Sanyo Semicon Device LC74788 Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
No. 5731-10/23
LC74788, 74788M, 74788JM
COMMAND1 (Display character data write setup command)
• First byte
DA
Register
Contents
Notes
0 to 7
State
Function
7
—
1
6
—
0
Command 1 identification code.
5
—
0
Sets up display character data write mode.
4
—
1
3
—
0
2
—
0
1
—
0
0
at
0
Character attribute off
1
Character attribute on
When this command is input, the LC74788/M/JM
locks in the display character data write mode until
the CS pin goes high
• Second byte
DA
Register
Contents
Notes
0 to 7
State
Function
7
c7
0
1
6
c6
0
1
5
c5
0
1
Character code (00 to 7F hexadecimal)
4
c4
0
1
(FE (hex): spacing character)
3
c3
0
(FF (hex): transparent spacing character)
1
2
c2
0
1
1
c1
0
1
0
c0
0
1
Note: All registers are set to 0 when the LC74788/M/JM is reset by the RST pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com