Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC74788 Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LC74788
Description  On-Screen Display Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74788 Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LC74788 Datasheet HTML 9Page - Sanyo Semicon Device LC74788 Datasheet HTML 10Page - Sanyo Semicon Device LC74788 Datasheet HTML 11Page - Sanyo Semicon Device LC74788 Datasheet HTML 12Page - Sanyo Semicon Device LC74788 Datasheet HTML 13Page - Sanyo Semicon Device LC74788 Datasheet HTML 14Page - Sanyo Semicon Device LC74788 Datasheet HTML 15Page - Sanyo Semicon Device LC74788 Datasheet HTML 16Page - Sanyo Semicon Device LC74788 Datasheet HTML 17Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
No. 5731-13/23
LC74788, 74788M, 74788JM
COMMAND4 (Display control setup command)
• First byte
DA
Register
Contents
Notes
0 to 7
State
Function
7
—
1
6
—
1
Command 4 identification code.
5
—
0
Display character data write setup.
4
—
0
3
TSTMOD
0
Normal operating mode
This bit must be set to 0.
1
Test mode
2
RAMERS
0
1
Erase display RAM. (The RAM data is set to FF hexadecimal.)
1
OSCSTP
0
Do not stop the crystal and LC oscillators.
1
Stop the crystal and LC oscillators.
0
SYSRST
0
1
Reset all registers and turn display off.
• Second byte
DA
Register
Contents
Notes
0 to 7
State
Function
7
—
0
Second byte identification bit
6
BLK2
0
Character display area
Specifies the size for complete fill in
1
Video display area
5
BLK1
0
1
Changes the blanking size
4
BLK0
0
1
3
BK1
0
Blinking period: About 0.5 s
Switches the blinking period
1
Blinking period: About 1.0 s
2
BK0
0
Blinking off
1
Blinking on
1
RV
0
Reverse video off
1
Reverse video on
0
DSPON
0
Character display off
1
Character display on
Note: All registers are set to 0 when the LC74788/M/JM is reset by the RST pin.
Blinking in reverse video mode switches the display between
normal character display and reverse video display.
Erasing RAM takes about 500 µs. (This operation
must be executed in the DSPOFF state.)
Valid in external synchronization mode when
character display is off.
The registers are reset when the CS pin is low, and
the reset state is cleared when CS is set high.
BLK0
0
1
BLK1
0
Blanking off
Character size
1
Frame size
Complete fill in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com