Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC74788 Datasheet(PDF) 19 Page - Sanyo Semicon Device

Part # LC74788
Description  On-Screen Display Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74788 Datasheet(HTML) 19 Page - Sanyo Semicon Device

Back Button LC74788 Datasheet HTML 15Page - Sanyo Semicon Device LC74788 Datasheet HTML 16Page - Sanyo Semicon Device LC74788 Datasheet HTML 17Page - Sanyo Semicon Device LC74788 Datasheet HTML 18Page - Sanyo Semicon Device LC74788 Datasheet HTML 19Page - Sanyo Semicon Device LC74788 Datasheet HTML 20Page - Sanyo Semicon Device LC74788 Datasheet HTML 21Page - Sanyo Semicon Device LC74788 Datasheet HTML 22Page - Sanyo Semicon Device LC74788 Datasheet HTML 23Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
DA
Register
Contents
Notes
0 to 7
State
Function
7
—
0
Second byte identification bit
6
LNC3
0
1
5
LNC2
0
1
4
LNC1
0
1
3
LNC0
0
1
2
LPC2
0
1
1
LPC1
0
1
0
LPC0
0
1
No. 5731-19/23
LC74788, 74788M, 74788JM
COMMAND10 (Display control setup command)
• First byte
DA
Register
Contents
Notes
0 to 7
State
Function
7
—
1
6
—
1
Command 10 identification code.
5
—
1
Display control setup.
4
—
1
3
—
1
Extended command 3 identification code
2
—
1
1
LNCSEL
0
Normal line background color operation
1
RV characters have the background color specified by PH* or the RV
character background color is white.
0
MOD3
0
The LNCSEL: 1 setting specifications
1
RV characters have the background color specified by PH*, characters
are white.
Switches the RV mode background color for the line
specified by LNC* for characters specified for RV
display.
Valid when LNCSEL is high
Specifies the line whose background is to be
changed.
(If the same line is specified to have different
background colors with LNA*, LNB*, and LNC*, then
the setting specified by the last command issued will
be valid. The previously specified registers (LN* and
LP*) will all be reset to 0.)
Specifies the background color.
• Second byte
Note: All registers are set to 0 when the LC74788/M/JM is reset by the RST pin.
LNC3
LNC2
LNC1
LNC0
Specified line
0
0
0
0
Do not change the line background
0
0
0
1
Line 1
0
0
1
0
Line 2
0
0
1
1
Line 3
0
1
0
0
Line 4
0
1
0
1
Line 5
0
1
1
0
Line 6
0
1
1
1
Line 7
1
0
0
0
Line 8
1
0
0
1
Line 9
1
0
1
0
Line 10
1
0
1
1
Line 11
1
1
—
—
Line 12
LPC2
LPC1
LPC0 Line background color (phase)
0
0
0
Cyan
0
0
1
Yellow
0
1
0
Red
0
1
1
Blue
1
0
0
Cyan blue
1
0
1
Green
1
1
0
Orange
1
1
1
Magenta



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com