Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC74788 Datasheet(PDF) 12 Page - Sanyo Semicon Device

Part # LC74788
Description  On-Screen Display Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74788 Datasheet(HTML) 12 Page - Sanyo Semicon Device

Back Button LC74788 Datasheet HTML 8Page - Sanyo Semicon Device LC74788 Datasheet HTML 9Page - Sanyo Semicon Device LC74788 Datasheet HTML 10Page - Sanyo Semicon Device LC74788 Datasheet HTML 11Page - Sanyo Semicon Device LC74788 Datasheet HTML 12Page - Sanyo Semicon Device LC74788 Datasheet HTML 13Page - Sanyo Semicon Device LC74788 Datasheet HTML 14Page - Sanyo Semicon Device LC74788 Datasheet HTML 15Page - Sanyo Semicon Device LC74788 Datasheet HTML 16Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
No. 5731-12/23
LC74788, 74788M, 74788JM
COMMAND3 (Horizontal display start position and horizontal size setup command)
• First byte
DA
Register
Contents
Notes
0 to 7
State
Function
7
—
1
6
—
0
Command 3 identification code
5
—
1
Sets the horizontal display start position and the horizontal character size.
4
—
1
3
HS21
0
1
Second line horizontal character size
2
HS20
0
1
1
HS11
0
1
First line horizontal character size
0
HS10
0
1
HS20
0
1
HS21
0
1 Tc/dot
2 Tc/dot
1
3 Tc/dot
1 Tc/dot
• Second byte
DA
Register
Contents
Notes
0 to 7
State
Function
7
—
0
Second byte identification bit
6
LC
0
Use the LC oscillator for the dot clock
1
Use the crystal oscillator for the dot clock
5
HP5
0
If HS is the horizontal start position then:
(MSB)
1
HS =Tc
× (2Σ 2n HPn)
4
HP4
0
Tc: Period of the oscillator connected to OSCIN/OSCOUT in operating
1
mode.
3
HP3
0
1
2
HP2
0
1
1
HP1
0
1
0
HP0
0
(LSB)
1
Note: All registers are set to 0 when the LC74788/M/JM is reset by the RST pin.
5
n=0
HS10
0
1
HS11
0
1 Tc/dot
2 Tc/dot
1
3 Tc/dot
1 Tc/dot
The horizontal display start position is set by the 6
bits HP0 to HP5.
The weight of bit 1 is 2Tc.
Selects the dot clock used for character display in the
horizontal direction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com