Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC74788 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC74788
Description  On-Screen Display Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74788 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC74788 Datasheet HTML 1Page - Sanyo Semicon Device LC74788 Datasheet HTML 2Page - Sanyo Semicon Device LC74788 Datasheet HTML 3Page - Sanyo Semicon Device LC74788 Datasheet HTML 4Page - Sanyo Semicon Device LC74788 Datasheet HTML 5Page - Sanyo Semicon Device LC74788 Datasheet HTML 6Page - Sanyo Semicon Device LC74788 Datasheet HTML 7Page - Sanyo Semicon Device LC74788 Datasheet HTML 8Page - Sanyo Semicon Device LC74788 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
No. 5731-4/23
LC74788, 74788M, 74788JM
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD1 and VDD2
VSS–0.3 to VSS+6.5
V
Maximum input voltage
VIN max
All input pins
VSS–0.3 to VDD+0.3
V
Maximum output voltage
VOUT max
HFTONOUT, SYNCJDG, and SEPOUT
VSS–0.3 to VDD+0.3
V
Allowable power dissipation
Pd max
Ta = 25°C
350
mW
Operating temperature
Topr
–30 to +70
°C
Storage temperature
Tstg
–40 to +125
°C
Specifications
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD1
VDD1
4.5
5.0
5.5
V
VDD2
VDD2
4.5
5.0
1.27VDD1
V
Input high-level voltage
VIH1
RST, CS, SIN, SCLK, SEPIN, and MUTE
0.8VDD1
VDD1+0.3
V
VIH2
CTRL1
0.7VDD1
VDD1+0.3
V
Input low-level voltage
VIL1
RST, CS, SIN, SCLK, SEPIN, and MUTE
VSS–0.3
0.2VDD1
V
VIL2
CTRL1
VSS–0.3
0.3VDD1
V
Pull-up resistance
RPU
RST, CS, SIN, SCLK, and MUTE
25
50
90
k
Applies to pins set up by options.
VIN1
CVIN: VDD1 = 5 V
2.0
Vp-p
Composite video signal input voltage
VIN2
SYNIN: VDD1 = 5 V
2.0
2.5
Vp-p
VIN3
CVCR: VDD1 = 5 V
2.0
Vp-p
Input voltage
VIN4
XtalIN (when used for external clock input)
0.10
5.0
Vp-p
fIN = 2fsc or 4fsc ; VDD1 = 5 V
XtalIN and XtalOUT oscillator pins (2fsc: NTSC)
7.159
MHz
XtalIN and XtalOUT oscillator pins (4fsc: NTSC)
14.318
MHz
XtalIN and XtalOUT oscillator pins (2fsc: PAL)
8.867
MHz
FOSC1
XtalIN and XtalOUT oscillator pins (4fsc: PAL)
17.734
MHz
Oscillator frequencies
XtalIN and XtalOUT oscillator pins (2fsc: PAL-M)
7.151
MHz
XtalIN and XtalOUT oscillator pins (4fsc: PAL-M)
14.302
MHz
XtalIN and XtalOUT oscillator pins (2fsc: PAL-N)
7.164
MHz
XtalIN and XtalOUT oscillator pins (4fsc: PAL-N)
14.328
MHz
FOSC2
OSCIN and OSCOUT oscillator pins (LC oscillator)
5
10
MHz
Allowable Operating Ranges
Note: Applications must be especially cautious about noise when using the XtalIN input pin in clock input mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com