Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC74788 Datasheet(PDF) 15 Page - Sanyo Semicon Device

Part # LC74788
Description  On-Screen Display Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74788 Datasheet(HTML) 15 Page - Sanyo Semicon Device

Back Button LC74788 Datasheet HTML 11Page - Sanyo Semicon Device LC74788 Datasheet HTML 12Page - Sanyo Semicon Device LC74788 Datasheet HTML 13Page - Sanyo Semicon Device LC74788 Datasheet HTML 14Page - Sanyo Semicon Device LC74788 Datasheet HTML 15Page - Sanyo Semicon Device LC74788 Datasheet HTML 16Page - Sanyo Semicon Device LC74788 Datasheet HTML 17Page - Sanyo Semicon Device LC74788 Datasheet HTML 18Page - Sanyo Semicon Device LC74788 Datasheet HTML 19Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
DA
Register
Contents
Notes
0 to 7
State
Function
7
—
1
6
—
1
Command 6 identification code.
5
—
1
Sets up synchronizing signal control.
4
—
0
3
SEL0
0
1
2
MOD0
0
1
1
DISLIN
0
12 lines
Switches the number of lines displayed
1
10 lines
0
MUT
0
Normal output
CVOUT switching
1
CVIN is cut and CVOUT is held at the pedestal level.
SEL0
MOD
SEPOUT output
0
0
Sync separator signal
0
1
Low-level output
1
0
High-level output
1
1
ST pulse signal
No. 5731-15/23
LC74788, 74788M, 74788JM
COMMAND6 (Synchronizing signal detection setup command)
• First byte
Switches the SEPOUT (pin 19) output
• Second byte
DA
Register
Contents
Notes
0 to 7
State
Function
7
—
0
Second byte identification bit
6
RN2
0
1
5
RN1
0
1
4
RN0
0
1
3
SN3
0
1
2
SN2
0
1
1
SN1
0
1
0
SN0
0
1
Note: All registers are set to 0 when the LC74788/M/JM is reset by the RST pin.
External synchronizing signal detection control.
Signal absent
→ signal present transition detection
Sets the sampling period in which SYNC can be
detected continuously in the horizontal synchronizing
signal period (1H).
External synchronizing signal detection control.
Signal present
→ signal absent transition detection
Sets the sampling period in which SYNC cannot be
detected continuously in the horizontal synchronizing
signal period (1H).
RN2
RN1
RN0
Number of times HSYNC detected
0
0
0
0 times
0
0
1
4 times
0
1
0
8 times
1
0
0
16 times
SN3
SN2
SN1
SN0
Number of times HSYNC detected
0
0
0
0
Not detected
0
0
0
1
32 times
0
0
1
0
64 times
0
1
0
0
128 times
1
0
0
0
256 times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com