Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC74788 Datasheet(PDF) 14 Page - Sanyo Semicon Device

Part # LC74788
Description  On-Screen Display Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74788 Datasheet(HTML) 14 Page - Sanyo Semicon Device

Back Button LC74788 Datasheet HTML 10Page - Sanyo Semicon Device LC74788 Datasheet HTML 11Page - Sanyo Semicon Device LC74788 Datasheet HTML 12Page - Sanyo Semicon Device LC74788 Datasheet HTML 13Page - Sanyo Semicon Device LC74788 Datasheet HTML 14Page - Sanyo Semicon Device LC74788 Datasheet HTML 15Page - Sanyo Semicon Device LC74788 Datasheet HTML 16Page - Sanyo Semicon Device LC74788 Datasheet HTML 17Page - Sanyo Semicon Device LC74788 Datasheet HTML 18Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
No. 5731-14/23
LC74788, 74788M, 74788JM
COMMAND5 (Display control setup command)
• First byte
DA
Register
Contents
Notes
0 to 7
State
Function
7
—
1
6
—
1
Command 5 identification code
5
—
0
Display control setup
4
—
1
3
NP1
0
1
2
NP0
0
1
1
NON
0
Interlaced
1
Noninterlaced
0
INT
0
External synchronization
1
Internal synchronization
Switches between the NTSC, PAL, PAL-N, PAL-M,
NTSC 4.43, and PAL60 formats.
Switches between external and internal
synchronization
Switches between interlaced and noninterlaced
video.
NP2
NP1
NP0
Format
0
0
0
NTSC
0
0
1
PAL-M
0
1
0
PAL
0
1
1
PAL-N
1
0
0
NTSC4.43
1
0
1
PAL60
• Second byte
DA
Register
Contents
Notes
0 to 7
State
Function
7
—
0
Second byte identification bit
6
NP2
0
Set with NP0 and NP1.
1
5
HLFINT
0
Normal mode
1
Half internal synchronization mode
4
BCL
0
Background color on
Only valid in internal synchronization mode.
1
No background color (Only the background level is set)
3
CB
0
Color burst signal output.
Only valid when BCL is high.
1
Color burst signal output stopped.
2
PH2
0
1
1
PH1
0
1
0
PH0
0
1
Note: All registers are set to 0 when the LC74786/M/JM is reset by the RST pin.
Background color specification
PH2
PH1
PH0
Background color (phase)
0
0
0
Cyan
0
0
1
Yellow
0
1
0
Red
0
1
1
Blue
1
0
0
Cyan blue
1
0
1
Green
1
1
0
Orange
1
1
1
Magenta



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com