Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC74788 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC74788
Description  On-Screen Display Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74788 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC74788 Datasheet HTML 1Page - Sanyo Semicon Device LC74788 Datasheet HTML 2Page - Sanyo Semicon Device LC74788 Datasheet HTML 3Page - Sanyo Semicon Device LC74788 Datasheet HTML 4Page - Sanyo Semicon Device LC74788 Datasheet HTML 5Page - Sanyo Semicon Device LC74788 Datasheet HTML 6Page - Sanyo Semicon Device LC74788 Datasheet HTML 7Page - Sanyo Semicon Device LC74788 Datasheet HTML 8Page - Sanyo Semicon Device LC74788 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Overview
The LC74788, LC74788M, and LC74788JM are on-
screen display controller CMOS ICs that display
characters and patterns on the TV screen under
microprocessor control. These ICs support 12
× 18 dot
characters and can display 12 lines by 24 characters of
text.
Features
• Display format: 24 characters by 12 rows (Up to 288
characters)
• Character format: 12 (horizontal)
× 18 (vertical) dots
• Character sizes: Three sizes each in the horizontal and
vertical directions
• Characters in font: 128 (128 characters, one spacing
character, and one transparent spacing character)
• Initial display positions: 64 horizontal positions and 64
vertical positions
• Blinking: Specifiable in character units
• Blinking types: Two periods supported: About 1.0
second and about 0.5 second
• Blanking: Over the whole font (12
× 18 dots)
• Background color: 8 colors (internal synchronization
mode): 2fSC and 4fSC
• Line background color
— Can be set for 3 lines
— Line background color: 8 colors (internal
synchronization mode): 2fSC and 4fSC
• External control input: 8-bit serial input format
• On-chip sync separator circuit
• Video outputs - NTSC, PAL, PAL-N, PAL-M, NTSC
4.43, and PAL60 format composite video outputs
• Package
— 24-pin plastic DIP-24S (300 mil)
— 24-pin plastic MFP-24 (375 mil)
— 24-pin plastic MFP-24S (300 mil)
Package Dimensions
unit: mm
3067-DIP24S
unit: mm
3045B-MFP24
unit: mm
3112-MFP24S
CMOS IC
30698HA (OT) No. 5731-1/23
SANYO: DIP24S
[LC74788]
SANYO: MFP24
[LC74788M]
SANYO: MFP24S
[LC74788JM]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
On-Screen Display Controller
LC74788, 74788M, 74788JM
Ordering number : EN5731A


Similar Part No. - LC74788

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74780 SANYO-LC74780 Datasheet
338Kb / 16P
On-screen Video Display Controllers for VCRs
LC74780M SANYO-LC74780M Datasheet
338Kb / 16P
On-screen Video Display Controllers for VCRs
LC74781 SANYO-LC74781 Datasheet
340Kb / 16P
On-screen Video Display Controller for VCR Products?
LC74781M SANYO-LC74781M Datasheet
340Kb / 16P
On-screen Video Display Controller for VCR Products?
LC74782 SANYO-LC74782 Datasheet
337Kb / 16P
On-screen Display Controller LSI for VCR Products???
More results

Similar Description - LC74788

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74786 SANYO-LC74786 Datasheet
216Kb / 23P
On-Screen Display Controller
LC74789 SANYO-LC74789 Datasheet
211Kb / 23P
On-Screen Display Controller
logo
fujitsu semiconductor
MB90097 FUJITSU-MB90097 Datasheet
928Kb / 63P
ON-Screen Display Controller
MB90099 FUJITSU-MB90099 Datasheet
1Mb / 36P
On-Screen Display Controller
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
On-Screen Display Controller
logo
Sanyo Semicon Device
LC74735NW SANYO-LC74735NW Datasheet
295Kb / 52P
On-Screen Display Controller
logo
fujitsu semiconductor
MB90096 FUJITSU-MB90096 Datasheet
367Kb / 36P
On-screen Display Controller
MB90092 FUJITSU-MB90092_01 Datasheet
348Kb / 40P
ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
On-Screen Display Controller
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com