Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC74788 Datasheet(PDF) 21 Page - Sanyo Semicon Device

Part # LC74788
Description  On-Screen Display Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74788 Datasheet(HTML) 21 Page - Sanyo Semicon Device

Back Button LC74788 Datasheet HTML 15Page - Sanyo Semicon Device LC74788 Datasheet HTML 16Page - Sanyo Semicon Device LC74788 Datasheet HTML 17Page - Sanyo Semicon Device LC74788 Datasheet HTML 18Page - Sanyo Semicon Device LC74788 Datasheet HTML 19Page - Sanyo Semicon Device LC74788 Datasheet HTML 20Page - Sanyo Semicon Device LC74788 Datasheet HTML 21Page - Sanyo Semicon Device LC74788 Datasheet HTML 22Page - Sanyo Semicon Device LC74788 Datasheet HTML 23Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Composite Video Signal Output Levels (internally generated levels)
CVOUT output level waveform (VDD2 = 5.0 V)
No. 5731-21/23
LC74788, 74788M, 74788JM
Output level
Output voltage (1) [V]
Output voltage (2) [V]
Output voltage (3) [V]
VCHA : Character
2.67
2.87
3.16
VRH0 : Background color (other than blue) high
2.45
2.64
2.93
VRSH1, 2 : Blue background color 1 and 2 high
2.09
2.29
2.58
VBk1 : Frame 1
2.09
2.29
2.58
VCBH : Color burst high
1.75
1.95
2.23
VRSL2 : Blue background color 2 low
1.61
1.80
2.09
VBK0 : Frame 0
1.52
1.72
2.01
VPD : Pedestal
1.44
1.64
1.93
VRSL0 : Background color (other than blue) low
1.29
1.48
1.77
VRSL1 : Blue background color 1 low
1.20
1.39
1.68
VCBL : Color burst low
1.10
1.29
1.58
VSN : Sync
0.82
1.01
1.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com