Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33910 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 42Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 90 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
39
33910
FUNCTIONAL DEVICE OPERATIONS
LOGIC COMMANDS AND REGISTERS
MC33910G5AC/MC3433910G5AC
REGISTER DEFINITIONS
System Status Register - SYSSR
The System Status Register (SYSSR) is always
transferred with every SPI transmission and gives a quick
system status overview. It summarizes the status of the
Voltage Monitor Status (VMS), LIN Status (LINS) and High
Side Status (HSS).
VMS - Voltage Monitor Status
This read-only bit indicates that one or more bits in the
VSR are set.
1 = Voltage Monitor bit set
0 = None
Figure 20. Voltage Monitor Status
LINS - LIN Status
This read-only bit indicates that one or more bits in the
LINSR are set.
1 = LIN Status bit set
0 = None
Figure 21. LIN Status
HSS - High Side Switch Status
This read-only bit indicates that one or more bits in the
HSSR are set.
1 = High Side Status bit set
0 = None
Figure 22. High Side Status
Mode Control Register - MCR
The Mode Control Register (MCR) allows switching
between the operation modes and to configure the 33910.
Writing the MCR will return the VSR.
HVSE - High-Voltage Shutdown Enable
This write-only bit enables/disables automatic shutdown of
the high side drivers during a high-voltage VSOV condition.
1 = automatic shutdown enabled
0 = automatic shutdown disabled
MOD2, MOD1 - Mode Control Bits
These write-only bits select the operating mode and allow
clearing the watchdog in accordance with Table 8, Mode
Control Bits.
Table 12. Mode Control Bits
Voltage Status Register - VSR
Returns the status of the several voltage monitors. This
register is also returned when writing to the Mode Control
Register (MCR).
Table 10. System Status Register
S7
S6
S5
S4
Read
VMS
LINS
HSS
-
VMS
BATFAIL
VDDOT
VSUV
VSOV
LINS
LINOT
TXDOM
RXSHORT
Table 11. Mode Control Register - $0
C3
C2
C1
C0
Write
HVSE
0
MOD2
MOD1
Reset
Value
10
-
-
Reset
Condition
POR
POR
-
-
MOD2
MOD1
Description
0
0
Normal Mode
0
1
Stop Mode
1
0
Sleep Mode
1
1
Normal Mode + Watchdog Clear
Table 13. Voltage Status Register - $0/$1
S3
S2
S1
S0
Read
VSOV
VSUV
VDDOT
BATFAIL
HS2OP
HS2CL
HS1OP
HS1CL
HSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com