Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33910 Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 71Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 72Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 73Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 74Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 75Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 76Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 77Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 78Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 90 page
background image
Analog Integrated Circuit Device Data
75
Freescale Semiconductor
33910
FUNCTIONAL DEVICE OPERATIONS
OPERATIONAL MODES
MC33910BAC / MC34910BAC
LIN PHYSICAL LAYER
The LIN bus pin provides a physical layer for single-wire
communication in automotive applications. The LIN physical
layer is designed to meet the LIN physical layer specification
and has the following features:
• LIN physical layer 2.0 compliant
• Slew rate selection
• Over-current shutdown
• Over-temperature shutdown
• LIN pull-up disable in Stop and Sleep modes
• Advanced diagnostics
• LIN dominant voltage level selection
The LIN driver is a low side MOSFET with over-current
and thermal shutdown. An internal pull-up resistor with a
serial diode structure is integrated, so no external pull-up
components are required for the application in a Slave mode.
The fall time from dominant to recessive and the rise time
from recessive to dominant is controlled. The symmetry
between both slopes is guaranteed.
LIN Pin
The LIN pin offers a high susceptibility immunity level from
external disturbance, guaranteeing communication.
Figure 39. LIN Interface
Slew Rate Selection
The slew rate can be selected for optimized operation at
10.4 and 20 kBit/s as well as a fast baud rate for test and
programming. The slew rate can be adapted with the bits
LSR1:0 in the LIN control register (LINCR). The initial slew
rate is optimized for 20 kBit/s.
LIN Pull-up Disable In Stop and Sleep Mode
To improve performance and for safe behavior in case of
LIN bus short to ground or LIN bus leakage during Low Power
mode the internal pull-up resistor on the LIN pin can be
disconnected by clearing the LINPE bit in the MCR. The bit
LINPE also changes the bus wake-up threshold (VBUSWU).
In case of a LIN bus short to GND, this feature will reduce
the current consumption in Stop and Sleep modes.
High-voltage
High Side
RXONLY
MOD1:2
LSR0:1
LINPE
LDVS
INTERRUPT
CONTROL
MODULE
LIN – DRIVER
Slope and Slew Rate Control
Over-current Shutdown (interrupt maskable)
Over-temperature Shutdown (interrupt maskable)
VS1
WAKE-UP
RXSHORT
LINOC
TXDOM
LINOT
LIN
FILTER
SLOPE
CONTROL
30K
LGND
LIN
RECEIVER
TXD
RXD
Interrupt
Shutdown
Wake-up
WAKE-UP
MODULE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com