Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33910 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 45Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 46Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 47Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 48Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 49Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 50Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 51Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 52Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 90 page
background image
Analog Integrated Circuit Device Data
49
Freescale Semiconductor
33910
PIN CONNECTIONS
MC33910BAC / MC34910BAC
PIN CONNECTIONS
Figure 24. 33910 Pin Connections
Table 31. 33910 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description.
Pin
Pin Name
Formal Name
Definition
1
RXD
Receiver Output
This pin is the receiver output of the LIN interface which reports the state of
the bus voltage to the MCU interface.
2
TXD
Transmitter Input
This pin is the transmitter input of the LIN interface which controls the state of
the bus output.
3
MISO
SPI Output
SPI data output. When CS is high, the pin is in the high-impedance state.
4
MOSI
SPI Input
SPI data input.
5
SCLK
SPI Clock
SPI clock Input.
6
CS
SPI Chip Select
SPI chip select input pin. CS is active low.
7
ADOUT0
Analog Output Pin 0
Analog multiplexer output.
8
PWMIN
PWM Input
High side pulse width modulation input.
9
RST
Internal Reset I/O
Bidirectional reset I/O pin - driven low when any internal reset source is
asserted. RST is active low.
10
IRQ
Internal Interrupt
Output
Interrupt output pin, indicating wake-up events from Stop mode or events from
Normal and Normal Request modes. IRQ is active low.
11, 15-17,
19-22, 28
NC
No connect
* Special Configuration Recommended /
Mandatory for Marked NC Pins
8
PWMIN
7
ADOUT0
5
SCLK
4
MOSI
3
MISO
1
RXD
2
TXD
6
CS
17
NC*
18
PGND
20
NC*
21
NC*
22
NC*
24
HS2
23
L1
19
NC*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com