Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33910 Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 82Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 83Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 84Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 85Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 86Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 87Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 88Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 89Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 90Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 89 / 90 page
background image
Analog Integrated Circuit Device Data
89
Freescale Semiconductor
33910
REVISION HISTORY
MC33910BAC / MC34910BAC
REVISION HISTORY
Revision
Date
Description of Changes
1.0
5/2007
• Initial Release
2.0
9/2007
• Several textual corrections
• Page 11: “Analog Output offset Ratio” changed to “Analog Output offset” +/-22mV
• Page 11: VSENSE Input Divider Ratio adjusted to 5,0/5,25/5,5
• Page 12: Common mode input impedance corrected to 75kΩ
• Page 13/15: LIN PHYSICAL LAYER parameters adjusted to final LIN specification release
3.0
9/2007
• Revision number incremented at engineering request.
4.0
2/2008
• Changed Functional Block Diagram on page 24.
5.0
11/2008
• Datasheet updated according to the Pass1.2 silicon version electrical parameters
• Add Maximum Rating on IBUS_NO_GND parameter
• Added L1, Temperature Sense Analog Output Voltage per characterization(36), Internal Chip Temperature
Sense Gain per characterization at 3 temperatures(36) See Figure 16, Temperature Sense Gain, VSENSE
Input Divider Ratio (RATIOVSENSE=Vsense/Vadout0) per characterization(36), and VSENSE Output Related
Offset per characterization(36) parameters
• Added Temperature Sense Gain section
• Minor corrections to ESD Capability, (18), Cyclic Sense ON Time from Stop and Sleep Mode(45), Lin Bus Pin
(LIN), Serial Data Clock Pin (SCLK), Master Out Slave In Pin (MOSI), Master In Slave Out Pin (MISO), Digital/
analog Pin (L1), Normal Request Mode, Sleep Mode, LIN Over-temperature Shutdown / TXD Stuck At
Dominant / RXD Short-circuit:, Fault Detection Management Conditions, Lin Physical Layer, LIN Interface,
Over-temperature Shutdown (LIN Interrupt), LIN Receiver Operation Only, SPI Protocol, L1 - Wake-up input
1, LIN Control Register - LINCR, and RXSHORT - RXD Pin Short-circuit
• Updated Freescale form and style
6.0
2/2009
• Added explanation for pins Not Connected (NC).
7.0
3/2009
• Changed VBAT_SHIFT and GND_SHIFT maximum from 10% to 11.5% for both parameters on page 13.
8.0
3/2010
• Combined Complete Data sheet for Part Numbers MC33910BAC and MC34910BAC to the back of this data
sheet.
• Changed ESD Voltage for Machine Model from ±200 to ±150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com