Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33910 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 90 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33910
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
MC33910G5AC/MC3433910G5AC
ESD Capability
AECQ100
Human Body Model - JESD22/A114 (CZAP = 100 pF, RZAP = 1500 Ω)
LIN Pin
L1
all other Pins
Charge Device Model - JESD22/C101 (CZAP = 4.0 pF)
Corner Pins (Pins 1, 8, 9, 16, 17, 24, 25 and 32)
All other Pins (Pins 2-7, 10-15, 18-23, 26-31)
According to LIN Conformance Test Specification / LIN EMC Test
Specification, August 2004 (CZAP = 150 pF, RZAP = 330 Ω)
Contact Discharge, Unpowered
LIN pin with 220 pF
LIN pin without capacitor
VS1/VS2 (100 nF to ground)
L1 input (33 k
Ω serial resistor)
According to IEC 61000-4-2 (CZAP = 150 pF, RZAP = 330 Ω)
Unpowered
LIN pin with 220 pF and without capacitor
VS1/VS2 (100 nF to ground)
L1 input (33 k
Ω serial resistor)
VESD1-1
VESD1-2
VESD1-3
VESD2-1
VESD2-2
VESD3-1
VESD3-2
VESD3-3
VESD3-4
VESD4-1
VESD4-2
VESD4-3
±8.0k
±6.0k
±2000
±750
±500
±20k
±11k
>±12k
±6000
±8000
±8000
±8000
V
THERMAL RATINGS
Operating Ambient Temperature (8)
33910
34910
TA
-40 to 125
-40 to 85
°C
Operating Junction Temperature
TJ
-40 to 150
°C
Storage Temperature
TSTG
-55 to 150
°C
Thermal Resistance, Junction to Ambient
Natural Convection, Single Layer board (1s)(8), (9)
Natural Convection, Four Layer board (2s2p)(8), (10)
RθJA
85
56
°C/W
Thermal Resistance, Junction to Case(11)
RθJC
23
°C/W
Peak Package Reflow Temperature During Reflow(12), (13)
TPPRT
Note 13
°C
Notes
8.
Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting site (board) temperature, ambient
temperature, air flow, power dissipation of other components on the board, and board thermal resistance.
9.
Per JEDEC JESD51-2 with the single layer board (JESD51-3) horizontal.
10.
Per JEDEC JESD51-6 with the board (JESD51-7) horizontal.
11.
Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883 Method 1012.1).
12.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
13.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL), go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes and
enter the core ID to view all orderable parts. (i.e. MC33xxxD enter 33xxx), and review parametrics.
Table 3. Maximum Ratings (continued)
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com