Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33910 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 49Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 50Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 51Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 52Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 53Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 54Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 55Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 56Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 90 page
background image
Analog Integrated Circuit Device Data
53
Freescale Semiconductor
33910
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
MC33910BAC / MC34910BAC
STATIC ELECTRICAL CHARACTERISTICS
Table 33. Static Electrical Characteristics
Characteristics noted under conditions 5.5 V
≤ VSUP ≤ 18 V, -40°C ≤ TA ≤ 125°C for the 33910 and -40°C ≤ TA ≤ 85°C for the
34910, unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal
conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
SUPPLY VOLTAGE RANGE (VS1, VS2)
Nominal Operating Voltage
VSUP
5.5
–
18
V
Functional Operating Voltage(84)
VSUPOP
–
–
27
V
Load Dump
VSUPLD
–
–
40
V
SUPPLY CURRENT RANGE (VSUP = 13.5 V)
Normal Mode (IOUT at VDD = 10 mA), LIN Recessive State
(85)
IRUN
–
4.5
10
mA
Stop Mode, VDD ON with IOUT = 100 µA, LIN Recessive State(85), (86), (87)
5.5 V < VSUP < 12 V
VSUP = 13.5 V
ISTOP
–
–
48
58
80
90
µA
Sleep Mode, VDD OFF, LIN Recessive State(85), (87)
5.5 V < VSUP < 12 V
12 V
≤ VSUP < 13.5 V
ISLEEP
–
–
27
37
35
48
µA
Cyclic Sense Supply Current Adder(88)
ICYCLIC
–
10
–
µA
SUPPLY UNDER/OVER-VOLTAGE DETECTIONS
Power-On Reset (BATFAIL)(89)
Threshold (measured on VS1)(88)
Hysteresis (measured on VS1)(88)
VBATFAIL
VBATFAIL_HYS
1.5
–
3.0
0.9
3.9
–
V
VSUP under-voltage detection (VSUV Flag) (Normal and Normal Request
modes, Interrupt Generated)
Threshold (measured on VS1)
Hysteresis (measured on VS1)
VSUV
VSUV_HYS
5.55
–
6.0
1.0
6.6
–
V
VSUP over-voltage detection (VSOV Flag) (Normal and Normal Request
modes, Interrupt Generated)
Threshold (measured on VS1)
Hysteresis (measured on VS1)
VSOV
VSOV_HYS
18
–
19.25
1.0
20.5
–
V
Notes
84.
Device is fully functional. All features are operating.
85.
Total current (IVS1 + IVS2) measured at GND pins excluding all loads, Cyclic Sense disabled.
86.
Total IDD current (including loads) below 100 µA.
87.
Stop and Sleep mode currents will increase if VSUP exceeds 13.5 V.
88.
This parameter is guaranteed by process monitoring but, not production tested.
89.
The flag is set during power up sequence. To clear the flag, a SPI read must be performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com