Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33910 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  33910 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 90 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
33910
DEVICE VARIATIONS
MC33910G5AC/MC3433910G5AC
DEVICE VARIATIONS
The 33910G5 data sheet is within MC33910G5 Product
Specifications Pages 3 to 46
The 33910BAC data sheet is within MC33911BAC
Product Specifications Pages 47 to 86
Table 1. This specification support the following products
Device
Temperature
Generation
Changes
MC33910G5AC/R2
-40 to 125°C
2.5
1. Increase ESD GUN IEC61000-4-2 (gun test contact with 150 pF, 330 W
test conditions) performance to achieve
±6.0 kV min on the LIN pin.
2. Immunity against ISO7637 pulse 3b
3. Reduce EMC emission level on LIN
4. Improve EMC immunity against RF – target new specification including
3x68 pF
5. Comply with J2602 conformance test
MC34910G5AC/R2
-40 to 85°C
2.5
MC33910BAC/R2
-40 to 125°C
2.0
Initial release
MC34910BAC/R2
-40 to 85°C
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com