Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33910 Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 67Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 68Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 69Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 70Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 71Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 72Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 73Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 74Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 90 page
background image
Analog Integrated Circuit Device Data
71
Freescale Semiconductor
33910
FUNCTIONAL DEVICE OPERATIONS
OPERATIONAL MODES
MC33910BAC / MC34910BAC
INTERRUPTS
Interrupts are used to signal a microcontroller that a
peripheral needs to be serviced. The interrupts which can be
generated change according to the Operating mode. While in
Normal and Normal Request modes the 33910 signals
through interrupts special conditions which may require a
MCU software action. Interrupts are not generated until all
pending wake-up sources are read in the interrupt source
register (ISR).
While in Stop mode, interrupts are used to signal wake-up
events. Sleep mode does not use interrupts, wake-up is
performed by powering-up the MCU. In Normal and Normal
Request mode the wake-up source can be read by SPI.
The interrupts are signaled to the MCU by a low logic level
of the IRQ pin, which will remain low until the interrupt is
acknowledged by a SPI read. The IRQ pin will then be driven
high.
Interrupts are only asserted while in Normal-, Normal
Request and Stop mode. Interrupts are not generated while
the RST pin is low.
Following is a list of the interrupt sources in Normal and
Normal Request modes, some of those can be masked by
writing to the SPI-interrupt mask register (IMR).
Low Voltage Interrupt
Signals when the supply line (VS1) voltage drops below
the VSUV threshold (VSUV).
High Voltage Interrupt
Signals when the supply line (VS1) voltage increases
above the VSOV threshold (VSOV).
Over-temperature Prewarning
Signals when the 33910 temperature has reached the pre-
shutdown warning threshold. It is used to warn the MCU that
an over-temperature shutdown in the main 5.0 V regulator is
imminent.
LIN Over-current Shutdown / Over-temperature
Shutdown / TXD Stuck At Dominant / RXD Short-circuit
These signal faulty conditions in the LIN interface (except
the LIN over-current) that had led to disable the LIN driver. In
order to restart operation, the fault must be removed and
must be acknowledged by reading the SPI.
The LINOC bit functionality in the LIN status register
(LINSR) is to indicate that an LIN over-current occurred and
the driver stays enabled.
High Side Over-temperature Shutdown
Signals a shutdown of the high side outputs.
RESET
To reset an MCU, the 33910 drives the RST pin low for the
time the reset condition lasts.
After the reset source has been removed the state
machine will drive the RST output low for at least 1.0 ms
typical value before driving it high.
In the 33910 four main reset sources exist:
5V Regulator Low-Voltage-Reset (VRSTTH)
The 5V regulator output VDD is continuously monitored
against brown outs. If the supply monitor detects that the
voltage at the VDD pin has dropped below the reset threshold
VRSTTH the 33910 will issue a reset. In case of over-
temperature, the voltage regulator will be disabled and the
Table 35. Operating Modes Overview
Function
Reset Mode Normal Request Mode Normal Mode
Stop Mode
Sleep Mode
VDD
full
full
full
stop
-
HVDD
-
SPI(118)
SPI
-
-
HSx
-
SPI/PWM(119)
SPI/PWM
Note(120)
Note(121)
Analog Mux
-
SPI
SPI
-
-
L1
-
Input
Input
Wake-up
Wake-up
LIN
-
Rx-Only
full/Rx-Only
Rx-Only/Wake-up
Wake-up
Watchdog
-
150 ms (typ.) timeout
On(62)/Off
-
-
VSENSE
On
On
On
VDD
-
Notes
118.
Operation can be enabled/controlled by the SPI.
119.
Operation can be controlled by the PWMIN input.
120.
HSx switches can be configured for cyclic sense operation in Stop mode.
121.
HSx switches can be configured for cyclic sense operation in Sleep mode.
122.
Windowing operation when enabled by an external resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com