Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33910 Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 59Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 60Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 61Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 62Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 63Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 64Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 65Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 66Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 90 page
background image
Analog Integrated Circuit Device Data
63
Freescale Semiconductor
33910
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
MC33910BAC / MC34910BAC
Figure 28. LIN Timing Measurements for Normal Slew Rate
Figure 29. LIN Timing Measurements for Slow Slew Rate
TXD
VLIN_REC
LIN
RXD
tBIT
tBIT
tBUS_DOM (MAX)
tBUS_REC (MIN)
tREC - MAX
tDOM - MIN
tDOM - MIN
tRREC
tRDOM
28.4% VSUP
58.1% VSUP
40.0% VSUP
60.0% VSUP
74.4% VSUP
42.2% VSUP
40.0% VSUP
58.1% VSUP
28.4% VSUP
tBUS_DOM (MIN)
tBUS_REC (MAX)
tDOM - MAX
tREC - MIN
TXD
LIN
RXD
tBIT
tBIT
tBUS_DOM (MAX)
tBUS_REC (MIN)
tREC - MAX
tDOM - MIN
tDOM - MIN
tRREC
tRDOM
25.1% VSUP
61.6% VSUP
40.0% VSUP
60.0% VSUP
77.8% VSUP
38.9% VSUP
40.0% VSUP
61.6% VSUP
25.1% VSUP
tBUS_DOM (MIN)
tBUS_REC (MAX)
tDOM - MAX
tREC - MIN
VLIN_REC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com