Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33910 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 90 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
33910
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
MC33910G5AC/MC3433910G5AC
WINDOW WATCHDOG CONFIGURATION PIN (WDCONF)(34)
External Resistor Range
REXT
20
–
200
k
Ω
Watchdog Period Accuracy with External Resistor (Excluding Resistor
Accuracy)(35)
WDACC
-15
–
15
%
ANALOG MULTIPLEXER
Temperature Sense Analog Output Voltage
TA = -40°C
TA = 25°C
TA = 125°C
VADOUT0_TEMP
2.0
2.8
3.6
-
3.0
2.8
3.6
4.6
V
Temperature Sense Analog Output Voltage per characterization(36)
TA = 25°C
VADOUT0_25
3.1
3.15
3.2
V
Internal Chip Temperature Sense Gain
STTOV
9.0
10.5
12
mV/K
Internal Chip Temperature Sense Gain per characterization at 3
temperatures(36) See Figure 16, Temperature Sense Gain
STTOV_3T
9.9
10.2
10.5
mV/K
VSENSE Input Divider Ratio (RATIOVSENSE = VVSENSE / VADOUT0)
5.5 V < VSUP < 27 V
RATIOVSENSE
5.0
5.25
5.5
VSENSE Input Divider Ratio (RATIOVSENSE=Vsense/Vadout0) per
characterization(36)
5.5 <Vsup< 27 V
RATIOVSENSECZ
5.15
5.25
5.35
VSENSE Output Related Offset
OFFSETVSENSE
-30
-10
30
mV
VSENSE Output Related Offset per characterization(36)
OFFSETVSENSE
_CZ
-30
-12.6
0
mV
ANALOG OUTPUT (ADOUT0)
Maximum Output Voltage
-5.0 mA < IO < 5.0 mA
VOUT_MAX
VDD -0.35
–
VDD
V
Minimum Output Voltage
-5.0 mA < IO < 5.0 mA
VOUT_MIN
0.0
–
0.35
V
RXD OUTPUT PIN (LIN PHYSICAL LAYER) (RXD)
Low-state Output Voltage
IOUT = 1.5 mA
VOL
0.0
–
0.8
V
High-state Output Voltage
IOUT = -250 µA
VOH
VDD -0.8
–
VDD
V
Notes
34.
For VSUP 4.7 to 18 V
35.
Watchdog timing period calculation formula: tPWD [ms] = [0.466 * (REXT - 20)] + 10 with (REXT in kΩ)
36.
These limits have been defined after laboratory characterization on 3 lots and 30 samples. These tighten limits could not be guaranteed
by production test.
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 5.5 V
≤ VSUP ≤ 18 V, -40°C ≤ TA ≤ 125°C for the 33910 and -40°C ≤ TA ≤ 85°C for the
34910, unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal
conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com