Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4716 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP4716
Description  8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4716 Datasheet(HTML) 3 Page - Microchip Technology

  MCP4716 Datasheet HTML 1Page - Microchip Technology MCP4716 Datasheet HTML 2Page - Microchip Technology MCP4716 Datasheet HTML 3Page - Microchip Technology MCP4716 Datasheet HTML 4Page - Microchip Technology MCP4716 Datasheet HTML 5Page - Microchip Technology MCP4716 Datasheet HTML 6Page - Microchip Technology MCP4716 Datasheet HTML 7Page - Microchip Technology MCP4716 Datasheet HTML 8Page - Microchip Technology MCP4716 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 86 page
background image
© 2011 Microchip Technology Inc.
DS22272A-page 3
MCP4706/4716/4726
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
Voltage on VDD with respect to VSS ................ -0.6V to +6.5V
Voltage on all pins with respect to VSS
................................................................................ -0.3V to VDD + 0.3V
Input clamp current, IIK (VI < 0, VI > VDD, VI)
....................................................................................±20 mA
Output clamp current, IOK (VO < 0 or VO > VDD)
....................................................................................±20 mA
Maximum input current source/sunk by SDA, SCL pins
........................................................................................2 mA
Maximum output current sunk by SDA Output pin
......................................................................................25 mA
Maximum current out of VSS pin ...................................50 mA
Maximum current into VDD pin ......................................50 mA
Maximum current sourced by the VOUT pin ..................40 mA
Maximum current sunk by the VOUT pin........................40 mA
Maximum current sunk by the VREF pin .........................40 µA
Package power dissipation (TA = +50°C, TJ = +150°C)
SOT-23-6 .......................................................452 mW
DFN-6 ..........................................................1098 mW
Storage temperature .....................................-65°C to +150°C
Ambient temperature with power applied
......................................................................-55°C to +125°C
ESD protection on all pins
.................................... ≥ 6kV (HBM)
.................................................................................... ≥ 400V (MM)
Maximum Junction Temperature (TJ) ......................... +150°C
† Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied.
Exposure to maximum rating conditions for extended periods
may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com