Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4716 Datasheet(PDF) 83 Page - Microchip Technology

Part # MCP4716
Description  8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4716 Datasheet(HTML) 83 Page - Microchip Technology

Back Button MCP4716 Datasheet HTML 78Page - Microchip Technology MCP4716 Datasheet HTML 79Page - Microchip Technology MCP4716 Datasheet HTML 80Page - Microchip Technology MCP4716 Datasheet HTML 81Page - Microchip Technology MCP4716 Datasheet HTML 82Page - Microchip Technology MCP4716 Datasheet HTML 83Page - Microchip Technology MCP4716 Datasheet HTML 84Page - Microchip Technology MCP4716 Datasheet HTML 85Page - Microchip Technology MCP4716 Datasheet HTML 86Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 83 / 86 page
background image
© 2011 Microchip Technology Inc.
DS22272A-page 83
MCP4706/4716/4726
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP4706:
Single Channel 8-Bit DAC
with EEPROM Memory
MCP4716:
Single Channel 10-Bit DAC
with EEPROM Memory
MCP4726:
Single Channel 12-Bit DAC
with EEPROM Memory
Address Options:
A0 =
“1100000” I2C Address.
Devices ordered from the Microchip
Sample center will have this address.
A1 =
“1100001” I2C Address.
A2 =
“1100010” I2C Address.
A3 =
“1100011” I2C Address.
A4 =
“1100100” I2C Address.
A5 =
“1100101” I2C Address.
A6 =
“1100110” I2C Address.
A7 =
“1100111” I2C Address.
Tape and Reel:
T
=
Tape and Reel
Temperature Range: E
=
-40°C to +125°C
Package:
CH =
Plastic Small Outline Transistor
(SOT-23-6), 6-lead
MA =
Plastic Dual Flat, No Lead Package
(2x2 DFN), 6-lead
Examples:
a) MCP4706A0T-E/CH: 8-bit VOUT resolution,
I2C Address “1100000”,
Tape and Reel, Extended
Temp., 6LD SOT-23 pkg.
b) MCP4706A6T-E/CH: 8-bit VOUT resolution,
I2C Address “1100110”,
Tape and Reel, Extended
Temp., 6LD SOT-23 pkg.
c) MCP4706A0T-E/MA: 8-bit VOUT resolution,
I2C Address “1100000”,
Tape and Reel, Extended
Temp., 6LD DFN pkg.
d) MCP4706A6T-E/MA: 8-bit VOUT resolution,
I2C Address “1100110”,
Tape and Reel, Extended
Temp., 6LD DFN pkg.
a) MCP4716A0T-E/CH: 10-bit VOUT resolution,
I2C Address “1100000”,
Tape and Reel, Extended
Temp., 6LD SOT-23 pkg.
b) MCP4716A6T-E/CH: 10-bit VOUT resolution, I
2C
Address “1100110”, Tape
and
Reel,
Extended
Temp., 6LD SOT-23 pkg.
c) MCP4716A0T-E/MA: 10-bit VOUT resolution,
I2C Address “1100000”,
Tape and Reel, Extended
Temp., 6LD DFN pkg.
d) MCP4716A6T-E/MA: 10-bit VOUT resolution,
I2C Address “1100110”,
Tape and Reel, Extended
Temp., 6LD DFN pkg.
a) MCP4726A0T-E/CH: 12-bit VOUT resolution,
I2C Address “1100000”,
Tape and Reel, Extended
Temp., 6LD SOT-23 pkg.
b) MCP4726A6T-E/CH: 12-bit VOUT resolution,
I2C Address “1100110”,
Tape and Reel, Extended
Temp., 6LD SOT-23 pkg.
c) MCP4726A0T-E/MA: 12-bit VOUT resolution,
I2C Address “1100000”,
Tape and Reel, Extended
Temp., 6LD DFN pkg.
d) MCP4726A6T-E/MA: 12-bit VOUT resolution,
I2C Address “1100110”,
Tape and Reel, Extended
Temp., 6LD DFN pkg.
PART NO.
X
XX
Address
Temperature
Range
Device
/XX
Package
Options
X
Tape and
Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com