Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4716 Datasheet(PDF) 36 Page - Microchip Technology

Part # MCP4716
Description  8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4716 Datasheet(HTML) 36 Page - Microchip Technology

Back Button MCP4716 Datasheet HTML 32Page - Microchip Technology MCP4716 Datasheet HTML 33Page - Microchip Technology MCP4716 Datasheet HTML 34Page - Microchip Technology MCP4716 Datasheet HTML 35Page - Microchip Technology MCP4716 Datasheet HTML 36Page - Microchip Technology MCP4716 Datasheet HTML 37Page - Microchip Technology MCP4716 Datasheet HTML 38Page - Microchip Technology MCP4716 Datasheet HTML 39Page - Microchip Technology MCP4716 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 86 page
background image
MCP4706/4716/4726
DS22272A-page 36
© 2011 Microchip Technology Inc.
4.2
DAC’s (Resistor Ladder)
Reference Voltage
The device can be configured to use one of three
voltage sources for the resistor ladder’s reference
voltage (VRL) (see Figure 4-2). These are:
1.
VDD pin voltage
2.
VREF pin voltage internally buffered
3.
VREF pin voltage unbuffered
The selection of the voltage is specified with the volatile
VREF1:VREF0 configuration bits (see Table 4-4). There
are nonvolatile and volatile VREF1:VREF0 configuration
bits. On a POR/BOR event, the state of the nonvolatile
VREF1:VREF0 configuration bits are latched into the
volatile VREF1:VREF0 configuration bits.
When the user selects the VDD as reference, the VREF
pin voltage is not connected to the resistor ladder.
If the VREF pin is selected, then one needs to select
between the buffered or unbuffered mode.
In unbuffered mode, the VREF pin voltage may be from
VSS to VDD.
In buffered mode, the VREF pin voltage may be from
0.01V to VDD-0.04V. The input buffer (amplifier)
provides low offset voltage, low noise, and a very high
input impedance, with only minor limitations on the
input range and frequency response.
FIGURE 4-2:
Resistor Ladder Reference
Voltage Selection Block Diagram.
4.3
Resistor Ladder
The resistor ladder is a digital potentiometer with the B
Terminal internally grounded and the A terminal
connected to the selected reference voltage (see
Figure 4-3). The volatile DAC register controls the
wiper position. The wiper voltage (VW) is proportional to
the DAC register value divided by the number of
resistor elements (RS) in the ladder (256, 1024, or
4096) related to the VRL voltage.
The resistor ladder (RRL) has a typical impedance of
approximately 210 k
Ω. This resistor ladder resistance
(RRL) may vary from device to device up to ±20%.
Since this is a voltage divider configuration, the actual
RRL resistance does not effect the output given a fixed
voltage at VRL.
If the unbuffered VREF pin is used as the VRL voltage
source, this voltage source should have a low output
impedance.
When the DAC is powered down, the resistor ladder is
disconnected from the selected reference voltage.
FIGURE 4-3:
Resistor Ladder.
Note:
In unbuffered mode, the voltage source
should have a low output impedance. If
the voltage source has a high output
impedance, then the voltage on the
VREF’s pin would be lower than expected.
The
resistor
ladder
has
a
typical
impedance of 210 k
Ω and a typical
capacitance of 29 pF.
Note:
Any variation or noises on the reference
source can directly affect the DAC output.
The reference voltage needs to be as
clean as possible for accurate DAC
performance.
VRL
VDD
Buffer
VREF1:VREF0
VREF
Note:
The maximum wiper position is 2n - 1,
while the number of resistors in the
resistor ladder is 2n. This means that
when the DAC register is at full scale,
there
is
one
resistor
element
(RS)
between the wiper and the VRL voltage.
RS(2n)
RS(2n - 1)
RS(2n - 2)
RS(1)
2n - 1
2n - 2
1
0
RRL
VRL
VW
DAC
Register
VW =
* VRL
DAC Register Value
# Resistors in Resistor Ladder
Where:
# Resistors in Resistor Ladder = 256 (MCP4706)
1024 (MCP4716)
4096 (MCP4726)
PD1:PD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com