Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4716 Datasheet(PDF) 55 Page - Microchip Technology

Part # MCP4716
Description  8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4716 Datasheet(HTML) 55 Page - Microchip Technology

Back Button MCP4716 Datasheet HTML 51Page - Microchip Technology MCP4716 Datasheet HTML 52Page - Microchip Technology MCP4716 Datasheet HTML 53Page - Microchip Technology MCP4716 Datasheet HTML 54Page - Microchip Technology MCP4716 Datasheet HTML 55Page - Microchip Technology MCP4716 Datasheet HTML 56Page - Microchip Technology MCP4716 Datasheet HTML 57Page - Microchip Technology MCP4716 Datasheet HTML 58Page - Microchip Technology MCP4716 Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 86 page
background image
© 2011 Microchip Technology Inc.
DS22272A-page 55
MCP4706/4716/4726
FIGURE 6-6:
Read Command Format for 8-bit DAC (MCP4706).
Device Addressing
Vol. Data bits (8 bits) (3rd byte)
Note 1: a
Note 1
2: The 2nd - 5th bytes can be repeated after the 5th byte by continued clocking before issuing Stop bit.
Vol.
3: ACK bit generated by MCP47X6.
Note 2
b07 b06 b05 b04 b03 b02 b01 b00
MCP4706
D07 D06 D05 D04 D03 D02 D01 D00
SDA
SCL
A2 A1 A0
11
0
0
1
0
PD1 PD0
G
0 b07 b06 b05 b04 b03 b02 b01 b00
0
Vol. Configuration
Data bits (8 bits) (3rd and 5th bytes)
Start bit
ACK bit (3)
Read/Write bit (Read)
Stop bit
S
A
R/W
A
A
Status
ACK bit (4)
ACK bit (4)
Legend:
D07:D00 = 8-bit data for MCP4706 device
0
VREF1
VREF0
A/N
P
ACK/NACK bit (5)
RDY POR
NV Data bits (8 bits) (5th byte)
0 b07 b06 b05 b04 b03 b02 b01 b00 0/1
A
ACK bit (4)
PD1 PD0
G
1
VREF1
VREF0
RDY POR
Vol.
NV Configuration
Status
bits
bits
bits
bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com