Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4716 Datasheet(PDF) 68 Page - Microchip Technology

Part # MCP4716
Description  8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4716 Datasheet(HTML) 68 Page - Microchip Technology

Back Button MCP4716 Datasheet HTML 64Page - Microchip Technology MCP4716 Datasheet HTML 65Page - Microchip Technology MCP4716 Datasheet HTML 66Page - Microchip Technology MCP4716 Datasheet HTML 67Page - Microchip Technology MCP4716 Datasheet HTML 68Page - Microchip Technology MCP4716 Datasheet HTML 69Page - Microchip Technology MCP4716 Datasheet HTML 70Page - Microchip Technology MCP4716 Datasheet HTML 71Page - Microchip Technology MCP4716 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 86 page
background image
MCP4706/4716/4726
DS22272A-page 68
© 2011 Microchip Technology Inc.
8.6
Designing a Double-Precision
DAC
Figure 8-7 shows an example design of a single-supply
voltage output capable of up to 24-bit resolution. This
requires two 12-bit DACs. This design is simply a
voltage divider with a buffered output.
As an example, if a similar application to the one
developed in Section 8.5.1 “Bipolar DAC Example
Using MCP4726” required a resolution of 1 µV instead
of 1 mV, and a range of 0V to 4.1V, then 12-bit
resolution would not be adequate.
Step 1: Calculate the resolution needed:
4.1V/1 µV = 4.1 x 106.
Since
222 =4.2 x106,
22-bit
resolution
is
desired.
Since
DNL = ±0.75 LSb, this design can be attempted
with the 12-bit DAC.
Step 2: Since DACB‘s VOUTB has a resolution of 1 mV,
its output only needs to be “pulled” 1/1000 to meet
the 1 µV target. Dividing VOUTA by 1000 would
allow the application to compensate for DACB‘s
DNL error.
Step 3: If R2 is 100Ω, then R1 needs to be 100 kΩ.
Step 4: The resulting transfer function is shown in the
equation of Example 8-6.
FIGURE 8-7:
Simple Double Precision
DAC using MCP4726.
EQUATION 8-6:
VOUT CALCULATION
8.7
Building Programmable Current
Source
Example 8-8
shows
an
example
of
building
programmable current source using a voltage follower.
The current sensor resistor is used to convert the DAC
voltage output into a digitally-selectable current source.
The smaller RSENSE is, the less power dissipated
across it. However, this also reduces the resolution that
the current can be controlled.
FIGURE 8-8:
Digitally-Controlled Current
Source.
R1
VCC+
VCC–
VOUT
I2C™
2-wire
VREF
Optional
MCP4726 (A)
VDD
I2C™
2-wire
VREF
Optional
MCP4726 (B)
VDD
R2
0.1 µF
VOA
VOB
VOUT =
G = Selected Op Amp Gain
VOA * R2 + VOB * R1
R1 + R2
VOA = (VREF * G * DAC A Register Value)/4096
VOB = (VREF * G * DAC B Register Value)/4096
Where:
RSENSE
Ib
Load
IL
VCC+
VCC–
VOUT
I
L
V
OUT
R
sense
---------------
β
β 1
+
-------------
×
=
I
b
I
L
β
----
=
β = Common-Emitter Current Gain.
where
VDD
I2C™
2-wire
VREF
Optional
MCP47X6
VDD
(or VREF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com