Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4716 Datasheet(PDF) 46 Page - Microchip Technology

Part # MCP4716
Description  8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4716 Datasheet(HTML) 46 Page - Microchip Technology

Back Button MCP4716 Datasheet HTML 42Page - Microchip Technology MCP4716 Datasheet HTML 43Page - Microchip Technology MCP4716 Datasheet HTML 44Page - Microchip Technology MCP4716 Datasheet HTML 45Page - Microchip Technology MCP4716 Datasheet HTML 46Page - Microchip Technology MCP4716 Datasheet HTML 47Page - Microchip Technology MCP4716 Datasheet HTML 48Page - Microchip Technology MCP4716 Datasheet HTML 49Page - Microchip Technology MCP4716 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 86 page
background image
MCP4706/4716/4726
DS22272A-page 46
© 2011 Microchip Technology Inc.
5.3.4
SLOPE CONTROL
The MCP47X6 implements slope control on the SDA
output.
As the device transitions from HS mode to FS mode,
the slope control parameter will change from the HS
specification to the FS specification.
For Fast (FS) and High-Speed (HS) modes, the device
has a spike suppression and a Schmidt trigger at SDA
and SCL inputs.
5.3.5
DEVICE ADDRESSING
The address byte is the first byte received following the
START condition from the master device. The
MCP47X6’s slave address consists of a 4-bit fixed code
(‘1100’) and a 3-bit code that is user specified when the
device is ordered. This allows up to eight MCP47X6
devices on a single I2C bus.
Figure 5-9 shows the I2C slave address byte format,
which contains the seven address bits and a read/write
(R/W) bit. Table 5-2 shows the eight I2C Slave address
options and their respective device order code.
FIGURE 5-9:
Slave Address Bits in the
I2C Control Byte.
TABLE 5-2:
I2C ADDRESS / ORDER CODE
Start bit
Read/Write bit
Address Byte
R/W
ACK
Acknowledge bit
Slave Address
1
1
0
0
Slave Address (7-bits)
A2
A1
A0
Note: Address Bits (A2:A0) specified at time of device
order, see Table 5-2.
Fixed
User Specified
7-bit I2C
Address
Device Order Code
Comment
‘1100000’
MCP47x6A0-E/xx
MCP47x6A0T-E/xx
Tape and Reel
‘1100001’
MCP47x6A1-E/xx
MCP47x6A1T-E/xx
Tape and Reel
‘1100010’
MCP47x6A2-E/xx
MCP47x6A2T-E/xx
Tape and Reel
‘1100011’
MCP47x6A3-E/xx
MCP47x6A3T-E/xx
Tape and Reel
‘1100100’
MCP47x6A4-E/xx
MCP47x6A4T-E/xx
Tape and Reel
‘1100101’
MCP47x6A5-E/xx
MCP47x6A5T-E/xx
Tape and Reel
‘1100110’
MCP47x6A6-E/xx
MCP47x6A6T-E/xx
Tape and Reel
‘1100111’
MCP47x6A7-E/xx
MCP47x6A7T-E/xx
Tape and Reel
Note 1:
The sample center will generally stock I2C
address ‘1100000’, other addresses may
be available.
2:
‘xx’ in the order code is the device
package code (CH for SOT-23 and MA for
DFN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com