Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4716 Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP4716
Description  8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4716 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP4716 Datasheet HTML 35Page - Microchip Technology MCP4716 Datasheet HTML 36Page - Microchip Technology MCP4716 Datasheet HTML 37Page - Microchip Technology MCP4716 Datasheet HTML 38Page - Microchip Technology MCP4716 Datasheet HTML 39Page - Microchip Technology MCP4716 Datasheet HTML 40Page - Microchip Technology MCP4716 Datasheet HTML 41Page - Microchip Technology MCP4716 Datasheet HTML 42Page - Microchip Technology MCP4716 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 86 page
background image
© 2011 Microchip Technology Inc.
DS22272A-page 39
MCP4706/4716/4726
4.5
Power-Down Operation
To allow the application to conserve power when the
DAC operation is not required, three power down
modes are available. The Power-Down configuration
bits (PD1:PD0) control the power down operation
(Figure 4-5). All power down modes do the following:
• Turning off most of its internal circuits (op amp,
resistor ladder, ...)
• Op amp output becomes high impedance to the
VOUT pin
• Disconnects resistor ladder from reference
voltage (VRL)
• Retains the value of the volatile DAC register and
configuration bits, and the nonvolatile (EEPROM)
DAC register and configuration bits
Depending on the selected power down mode, the
following will occur:
•VOUT pin is switched to one of three resistive pull
downs (See Table 4-2)
- 640k
Ω (typical)
- 125k
Ω (typical)
-1k
Ω (typical)
There is a delay (TPDE) between the PD1:PD0 bits
changing from ‘00’ to either ‘01’, ‘10’, or ‘11’ and the op
amp no longer driving the VOUT output and the pull
down resistors are sinking current.
In any of the power down modes, where the VOUT pin
is not externally connected (sinking or sourcing
current), the power down current will typical be 60 nA
(see Section 1.0 “Electrical Characteristics”).
Section 6.0 “MCP47X6 I2C Commands” describes
the I2C commands for writing the power-down bits. The
commands that can update the volatile PD1:PD0 bits
are:
• Write Volatile DAC Register
• Write Volatile Memory
• Write All Memory
• Write Volatile Configuration bits
• General Call Reset
• General Call Wake-up
TABLE 4-2:
POWER-DOWN BITS AND
OUTPUT RESISTIVE LOAD
FIGURE 4-5:
Op Amp to VOUT Pin Block
Diagram.
4.5.1
EXITING POWER-DOWN
When the device exits the power down mode the
following occurs:
• Disabled circuits (op amp, resistor ladder, ...) are
turned on
• Resistor ladder is connected to selected
reference voltage (VRL)
• Selected pull down resistor is disconnected
•The VOUT output will be driven to the voltage
represented by the volatile DAC Register’s value
and configuration bits
The VOUT output signal will require time as these
circuits are powered up and the output voltage is driven
to the specified value as determined by the volatile
DAC register and configuration bits.
The following events will change the PD1:PD0 bits to
‘00’ and therefore exit the Power-Down mode. These
are:
•Any I2C write command for where the PD1:PD0
bits are ‘00’.
•I2C General Call Wake-up Command.
•I2C General Call Reset Command.
(if nonvolatile PD1:PD0 bits are ‘00’).
Note:
The I2C serial interface circuit is not
affected by the Power-Down mode. This
circuit remains active in order to receive
any command that might come from the
I2C master device.
PD1
PD0
Function
00
Normal operation
01
1k
Ω resistor to ground
10
125 k
Ω resistor to ground
11
640 k
Ω resistor to ground
Note:
Since the op amp and resistor ladder were
powered off (0V), the op amp’s input
voltage (VW) can be considered 0V. There
is a delay (TPDD) between the PD1:PD0
bits updated to ‘00’ and the op amp driving
the VOUT output. The op amp’s settling
time (from 0V) needs to be taken into
account to ensure the VOUT voltage
reflects the selected value.
VOUT
PD1:PD0
Op
Amp
Gain (1x or 2x)
(Gx = 0 or 1)
VW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com