Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4716 Datasheet(PDF) 43 Page - Microchip Technology

Part # MCP4716
Description  8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4716 Datasheet(HTML) 43 Page - Microchip Technology

Back Button MCP4716 Datasheet HTML 39Page - Microchip Technology MCP4716 Datasheet HTML 40Page - Microchip Technology MCP4716 Datasheet HTML 41Page - Microchip Technology MCP4716 Datasheet HTML 42Page - Microchip Technology MCP4716 Datasheet HTML 43Page - Microchip Technology MCP4716 Datasheet HTML 44Page - Microchip Technology MCP4716 Datasheet HTML 45Page - Microchip Technology MCP4716 Datasheet HTML 46Page - Microchip Technology MCP4716 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 86 page
background image
© 2011 Microchip Technology Inc.
DS22272A-page 43
MCP4706/4716/4726
5.0
I2C SERIAL INTERFACE
The MCP47X6 devices support the I2C serial protocol.
The MCP47X6 I2C’s module operates in Slave mode
(does not generate the serial clock).
5.1
Overview
This I2C interface is a two-wire interface. Figure 5-1
shows a typical I2C Interface connection.
The I2C interface specifies different communication bit
rates. These are referred to as standard, fast or high
speed modes. The MCP47X6 supports these three
modes. The bit rates of these modes are:
• Standard Mode: bit rates up to 100 kbit/s
• Fast Mode: bit rates up to 400 kbit/s
• High Speed Mode (HS mode): bit rates up to
3.4 Mbit/s
A device that sends data onto the bus is defined as
transmitter, and a device receiving data as receiver.
The bus has to be controlled by a master device which
generates the serial clock (SCL), controls the bus
access
and
generates
the
START
and
STOP
conditions. The MCP47X6 device works as slave. Both
master and slave can operate as transmitter or
receiver, but the master device determines which mode
is activated. Communication is initiated by the master
(microcontroller) which sends the START bit, followed
by the slave address byte. The first byte transmitted is
always the slave address byte, which contains the
device code, the address bits, and the R/W bit.
FIGURE 5-1:
Typical I2C Interface.
The I2C serial protocol only defines the field types, field
lengths, timings, etc. of a frame. The frame content
defines the behavior of the device. For details on the
frame content (commands/data) refer to Section 6.0.
Refer to the NXP I2C document for more details on the
I2C specifications.
5.2
Signal Descriptions
The I2C interface uses up to two pins (signals). These
are:
• SDA (Serial Data)
• SCL (Serial Clock)
5.2.1
SERIAL DATA (SDA)
The Serial Data (SDA) signal is the data signal of the
device. The value on this pin is latched on the rising
edge of the SCL signal when the signal is an input.
With the exception of the START and STOP conditions,
the high or low state of the SDA pin can only change
when the clock signal on the SCL pin is low. During the
high period of the clock, the SDA pin’s value (high or
low) must be stable. Changes in the SDA pin’s value
while the SCL pin is HIGH will be interpreted as a
START or a STOP condition.
5.2.2
SERIAL CLOCK (SCL)
The Serial Clock (SCL) signal is the clock signal of the
device. The rising edge of the SCL signal latches the
value on the SDA pin.
The MCP47X6 will not stretch the clock signal (SCL)
since memory read access occurs fast enough.
Depending on the clock rate mode, the interface will
display different characteristics.
SCL
SCL
MCP4XXX
SDA
SDA
Host
Controller
Typical I2C Interface Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com