Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4716 Datasheet(PDF) 60 Page - Microchip Technology

Part # MCP4716
Description  8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4716 Datasheet(HTML) 60 Page - Microchip Technology

Back Button MCP4716 Datasheet HTML 56Page - Microchip Technology MCP4716 Datasheet HTML 57Page - Microchip Technology MCP4716 Datasheet HTML 58Page - Microchip Technology MCP4716 Datasheet HTML 59Page - Microchip Technology MCP4716 Datasheet HTML 60Page - Microchip Technology MCP4716 Datasheet HTML 61Page - Microchip Technology MCP4716 Datasheet HTML 62Page - Microchip Technology MCP4716 Datasheet HTML 63Page - Microchip Technology MCP4716 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 86 page
background image
MCP4706/4716/4726
DS22272A-page 60
© 2011 Microchip Technology Inc.
7.7
Integral Nonlinearity (INL)
The Integral nonlinearity (INL) error is the maximum
deviation of an actual transfer function from an ideal
transfer function (straight line).
In the MCP47X6, INL is calculated using two end points
(zero and full scale). INL can be expressed as a per-
centage of full scale range (FSR) or in a fraction of an
LSb. INL is also called relative accuracy. Equation 7-4
shows how to calculate the INL error in LSb and
Figure 7-2 shows an example of INL accuracy.
EQUATION 7-4:
INL ERROR
FIGURE 7-2:
INL Accuracy Example.
7.8
Differential Nonlinearity (DNL)
The Differential nonlinearity (DNL) error (see Figure 7-
3) is the measure of step size between codes in actual
transfer function. The ideal step size between codes is
1 LSb. A DNL error of zero would imply that every code
is exactly 1 LSb wide. If the DNL error is less than
1 LSb, the DAC guarantees monotonic output and no
missing codes. The DNL error between any two
adjacent codes is calculated as follows:
EQUATION 7-5:
DNL ERROR
FIGURE 7-3:
DNL Accuracy Example.
INL
V
OUT
V
Ideal
–
()
LSb
---------------------------------------
=
Where:
INL is expressed in LSb.
VIdeal
=
Code*LSb
VOUT
=
The output voltage measured with
a given DAC input code
010
001
000
Analog
Output
(LSb)
DAC Input Code
011
111
100
101
1
2
3
4
5
6
0
7
110
Ideal Transfer Function
Actual Transfer Function
INL = < -1 LSb
INL = 0.5 LSb
INL = - 1 LSb
DNL
ΔV
OUT
LSb
–
LSb
----------------------------------
=
Where:
DNL is expressed in LSb.
ΔV
OUT
=
The measured DAC output
voltage difference between two
adjacent input codes.
010
001
000
Analog
Output
(LSb)
DAC Input Code
011
111
100
101
1
2
3
4
5
6
0
7
DNL = 2 LSb
DNL = 0.5 LSb
110
Ideal Transfer Function
Actual Transfer Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com