Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4716 Datasheet(PDF) 63 Page - Microchip Technology

Part # MCP4716
Description  8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4716 Datasheet(HTML) 63 Page - Microchip Technology

Back Button MCP4716 Datasheet HTML 59Page - Microchip Technology MCP4716 Datasheet HTML 60Page - Microchip Technology MCP4716 Datasheet HTML 61Page - Microchip Technology MCP4716 Datasheet HTML 62Page - Microchip Technology MCP4716 Datasheet HTML 63Page - Microchip Technology MCP4716 Datasheet HTML 64Page - Microchip Technology MCP4716 Datasheet HTML 65Page - Microchip Technology MCP4716 Datasheet HTML 66Page - Microchip Technology MCP4716 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 86 page
background image
© 2011 Microchip Technology Inc.
DS22272A-page 63
MCP4706/4716/4726
8.0
TYPICAL APPLICATIONS
The MCP47X6 family of devices are general purpose,
single channel voltage output DACs for various
applications
where
a
precision
operation
with
low-power and nonvolatile EEPROM memory is
needed.
Since the devices include a nonvolatile EEPROM
memory, the user can utilize these devices for
applications that require the output to return to the
previous set-up value on subsequent power-ups.
Applications generally suited for the devices are:
• Set Point or Offset Trimming
• Sensor Calibration
• Portable Instrumentation (Battery Powered)
• Motor Control
8.1
Connecting to I2C BUS using
Pull-Up Resistors
The SCL and SDA pins of the MCP47X6 devices are
open-drain configurations. These pins require a pull-up
resistor as shown in Figure 8-2.
The pull-up resistor values (R1 and R2) for SCL and
SDA pins depend on the operating speed (standard,
fast, and high speed) and loading capacitance of the
I2C bus line. A higher value of the pull-up resistor
consumes less power, but increases the signal
transition time (higher RC time constant) on the bus
line. Therefore, it can limit the bus operating speed.
The lower resistor value, on the other hand, consumes
higher power, but allows higher operating speed. If the
bus line has higher capacitance due to long metal
traces or multiple device connections to the bus line, a
smaller pull-up resistor is needed to compensate the
long RC time constant. The pull-up resistor is typically
chosen between 1 k
Ω and 10 kΩ ranges for standard
and fast modes, and less than 1 k
Ω for high speed
mode.
8.1.1
DEVICE CONNECTION TEST
The user can test the presence of the device on the I2C
bus line using a simple I2C command. This test can be
achieved by checking an acknowledge response from
the device after sending a read or write command.
Figure 8-1 shows an example with a read command.
The steps are:
a)
Set the R/W bit “High” in the device’s address
byte.
b)
Check the ACK bit of the address byte.
If the device acknowledges (ACK = 0) the
command, then the device is connected,
otherwise it is not connected.
c)
Send Stop bit.
FIGURE 8-1:
I2C Bus Connection Test.
12
3
4
5
6
7
8
9
SCL
SDA
11
0
1A2 A1 A0 1
Start
Bit
Address Byte
Address bits
Device Code
R/W
Stop
Bit
Device
Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com