Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F13 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT66F13
Description  Enhanced A/D Flash Type MCU
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F13 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT66F13 Datasheet HTML 2Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 3Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 4Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 5Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 173 page
background image
Features
CPUFeatures
· Operating Voltage:
fSYS= 8MHz: 2.2V~5.5V
fSYS= 12MHz: 2.7V~5.5V
fSYS= 20MHz: 4.5V~5.5V
· Up to 0.2
ms instruction cycle with 20MHz system clock at VDD=5V
· Power down and wake-up functions to reduce power consumption
· Four oscillators:
External Crystal -- HXT
External RC -- ERC
Internal RC -- HIRC
Internal 32kHz RC -- LIRC
· Multi-mode operation: NORMAL, SLOW, IDLE and SLEEP
· Fully integrated internal 4MHz, 8MHz and 12MHz oscillator requires no external components
· All instructions executed in one or two instruction cycles
· Table read instructions
· 63 powerful instructions
· Up to 8-level subroutine nesting
· Bit manipulation instruction
PeripheralFeatures
· Flash Program Memory: 1K
´14 ~ 4K´15
· RAM Data Memory: 64
´8 ~ 192´8
· Watchdog Timer function
· Up to 26 bidirectional I/O lines
· Software controlled 4-SCOM lines LCD driver with 1/2 bias
· Multiple pin-shared external interrupts
· Multiple Timer Module for time measure, input capture, compare match output, PWM output or
single pulse output function
· Single Time-Base function for generation of fixed time interrupt signal
· 4 channels 12-bit A/D converter
· Low voltage reset function
· Low voltage detect function
· Wide range of available package types
Rev.1.10
6
February9,2011
HT66F13/HT66F14/HT66F15
EnhancedA/DFlashType MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com