Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F13 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT66F13
Description  Enhanced A/D Flash Type MCU
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F13 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT66F13 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 11Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 12Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 13Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 14Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 15Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 16Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 17Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 173 page
background image
Symbol
Parameter
TestConditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VIH1
Input High Voltage for I/O Ports
orInputPinsexcept RES pin
¾
¾
0.8VDD
¾
VDD
V
5V
¾
3.5
¾
5.0
V
VIL2
InputLowVoltage(RES)
¾
¾
0
¾
0.4VDD
V
VIH2
InputHighVoltage(RES)
¾
¾
0.9VDD
¾
VDD
V
VLVR
LVR VoltageLevel
¾
LVR Enable,2.10Voption
-5%
2.10
+5%
V
LVR Enable,2.55Voption
-5%
2.55
+5%
V
LVR Enable,3.15Voption
-5%
3.15
+5%
V
LVR Enable,4.20Voption
-5%
4.20
+5%
V
VLVD
LVD VoltageLevel
¾
LVDEN=1, VLVD=2.0V
-5%
2.00
+5%
V
LVDEN=1, VLVD=2.2V
-5%
2.20
+5%
V
LVDEN=1, VLVD=2.4V
-5%
2.40
+5%
V
LVDEN=1, VLVD=2.7V
-5%
2.70
+5%
V
LVDEN=1, VLVD=3.0V
-5%
3.00
+5%
V
LVDEN=1, VLVD=3.3V
-5%
3.30
+5%
V
LVDEN=1, VLVD=3.6V
-5%
3.60
+5%
V
LVDEN=1, VLVD=4.4V
-5%
4.40
+5%
V
ILV
Additional Power Consumption if
LVR and LVD isUsed
¾
LVR Enable, LVDEN=0
¾
60
90
mA
LVR disable, LVDEN=1
¾
75
115
mA
LVR enable, LVDEN=1
¾
90
135
mA
VOL
OutputLowVoltageI/OPort
3V
IOL=9mA
¾
¾
0.3
V
5V
IOL=20mA
¾
¾
0.5
V
VOH
OutputHighVoltageI/OPort
3V
IOH=
-3.2mA
2.7
¾
¾
V
5V
IOH=
-7.4mA
4.5
¾
¾
V
RPH
Pull-highResistanceforI/O
Ports
3V
¾
20
60
100
k
W
5V
10
30
50
k
W
ISCOM
SCOM OperatingCurrent
5V
SCOMC, ISEL[1:0]=00
17.5
25.0
32.5
mA
SCOMC, ISEL[1:0]=01
35
50
65
mA
SCOMC, ISEL[1:0]=10
70
100
130
mA
SCOMC, ISEL[1:0]=11
140
200
260
mA
VSCOM
VDD/2VoltageforLCDCOM
5V
Noload
0.475
0.500
0.525
VDD
V125
1.25VReferencewithBuffer
Voltage
¾
¾
-3%
1.25
+3%
V
I125
Additional Power Consumption if
1.25V Reference with Buffer is
used
¾
¾
¾
200
300
mA
Rev.1.10
14
February9,2011
HT66F13/HT66F14/HT66F15
EnhancedA/DFlashType MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com