Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F13 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT66F13
Description  Enhanced A/D Flash Type MCU
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F13 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT66F13 Datasheet HTML 3Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 4Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 5Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 173 page
background image
GeneralDescription
The HT66F1x series of devices are Flash Memory A/D type 8-bit high performance RISC architecture
microcontrollers. Offering users the convenience of Flash Memory multi-programming features, these
devices also include a wide range of functions and features. Other memory includes an area of RAM
Data Memory for application program data storage.
Analog feature includes a multi-channel 12-bit A/D converter. Multiple and extremely flexible Timer
Modules provide timing, pulse generation and PWM generation functions. Protective features such as
an internal Watchdog Timer, Low Voltage Reset and Low Voltage Detector coupled with excellent
noise immunity and ESD protection ensure that reliable operation is maintained in hostile electrical
environments.
A full choice of HXT, ERC, HIRC and LIRC oscillator functions are provided including a fully
integrated system oscillator which requires no external components for its implementation. The ability
to operate and switch dynamically between a range of operating modes using different clock sources
gives users the ability to optimise microcontroller operation and minimise power consumption.
The inclusion of flexible I/O programming features, Time-Base functions along with many other
features ensure that the devices will find excellent use in applications such as electronic metering,
environmental monitoring, handheld instruments, household appliances, electronically controlled
tools, motor driving in addition to many others.
SelectionTable
Most features are common to all devices, the main feature distinguishing them are Memory capacity,
I/O count, TM features, stack capacity and package types. The following table summarises the main
features of each device.
PartNo.
VDD
Program
Memory
Data
Memory
I/O
Ext.
Int.
A/D
Timer
Module
Stack
Package
HT66F13
2.2V~
5.5V
1K
´14
64
´8
18
2
12-bit
´4 10-bitSTM´1
4
16DIP/NSOP/SSOP
20DIP/SOP/SSOP
HT66F14
2.2V~
5.5V
2K
´15
96
´8
22
2
12-bit
´4
10-bit CTM
´1
10-bitSTM
´1
4
16DIP/NSOP/SSOP
20DIP/SOP/SSOP
24SKDIP/SOP/SSOP
HT66F15
2.2V~
5.5V
4K
´15
128
´8
26
2
12-bit
´4
10-bit CTM
´1
10-bit ETM
´1
8
16DIP/NSOP/SSOP
20DIP/SOP/SSOP
24/28SKDIP/SOP/SSOP
Note:
As devices exist in more than one package format, the table reflects the situation for the package with the most
pins.
HT66F13/HT66F14/HT66F15
EnhancedA/DFlashType MCU
Rev.1.10
7
February9,2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com