Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F13 Datasheet(PDF) 65 Page - Holtek Semiconductor Inc

Part # HT66F13
Description  Enhanced A/D Flash Type MCU
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F13 Datasheet(HTML) 65 Page - Holtek Semiconductor Inc

Back Button HT66F13 Datasheet HTML 61Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 62Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 63Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 64Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 65Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 66Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 67Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 68Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 69Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 173 page
background image
TMPC Register
- HT66F13
Bit
76543210
Name
¾¾
T1CP1
T1CP0
¾¾¾¾
R/W
¾¾
R/W
R/W
¾¾¾¾
POR
¾¾
01
¾¾¾¾
Bit 7, 6
Unimplemented, read as
²0²
Bit 5
T1CP1: TP1_1 pin enable control
0: disable
1: enable
Bit 4
T1CP0: TP1_0 pin enable control
0: disable
1: enable
Bit 3~0
Unimplemented, read as
²0²
TMPC Register
- HT66F14
Bit
76543210
Name
¾¾
T1CP1
T1CP0
¾¾
T0CP1
T0CP0
R/W
¾¾
R/W
R/W
¾¾
R/W
R/W
POR
¾¾
01
¾¾
01
Bit 7~6
Unimplemented, read as
²0²
Bit 5
T1CP1: TP1_1 pin enable control
0: disable
1: enable
Bit 4
T1CP0: TP1_0 pin enable control
0: disable
1: enable
Bit 3~2
Unimplemented, read as
²0²
Bit 1
T0CP1: TP0_1 pin enable control
0: disable
1: enable
Bit 0
T0CP0: TP0_0 pin enable control
0: disable
1: enable
Rev. 1.10
65
February 9, 2011
HT66F13/HT66F14/HT66F15
Enhanced A/D Flash Type MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com