Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F13 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT66F13
Description  Enhanced A/D Flash Type MCU
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F13 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT66F13 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 11Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 12Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 13Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 173 page
background image
PinDescription
With the exception of the power pins, all pins on these devices can be referenced by their Port name,
e.g. PA.0, PA.1 etc, which refer to the digital I/O function of the pins. However some of these Port pins
are also shared with other function such as the Analog to Digital Converter, Timer Module pins etc.
The function of each pin is listed in the following table, however the details behind how each pin is
configured is contained in other sections of the datasheet.
HT66F13
PinName
Function
OP
I/T
O/T
Pin-SharedMapping
PA0~PA7
PortA
PAWU
PAPU
ST
CMOS
¾
PB0~PB7
PortB
PBPU
ST
CMOS
¾
PC0~PC1
PortC
PCPU
ST
CMOS
¾
AN0~AN3
A/DConverterinput
ACER
AN
¾
PA0~PA3
VREF
A/DConverterreferenceinput
ADCR1
AN
¾
PB0
TCK1
TM1input
¾
ST
¾
PA6
TP1_0,TP1_1
TM1I/O
TMPC
ST
CMOS
PA7,PB6
INT0,INT1
Ext.Interrupt0,1
¾
ST
¾
PB4,PB5
SCOM0~SCOM3
SCOM0~SCOM3
SCOMC
¾
SCOM
PC0,PC1,PB6,PB7
OSC1
HXT/ERC pin
CO
HXT
¾
PB1
OSC2
HXT pin
CO
¾
HXT
PB2
RES
Resetpin
CO
ST
¾
PB3
VDD
Powersupply*
¾
PWR
¾
¾
VSS
Ground*
¾
PWR
¾
¾
Note:
I/T:Inputtype
O/T:Outputtype
OP:Optionalbyconfigurationoption(CO)orregisteroption
PWR:Power
CO:Configurationoption
ST: Schmitt Triggerinput
CMOS: CMOS output
SCOM:SoftwarecontrolledLCDCOM
AN:Analoginputpin
HXT:Highfrequencycrystaloscillator
*: AVDD is the ADC power supply and is bonded together internally with VDD while AVSS is the ADC ground
pinandisbondedtogetherinternallywith VSS.
Rev.1.10
10
February9,2011
HT66F13/HT66F14/HT66F15
EnhancedA/DFlashType MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com