Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F13 Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT66F13
Description  Enhanced A/D Flash Type MCU
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F13 Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT66F13 Datasheet HTML 28Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 29Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 30Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 31Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 32Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 33Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 34Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 35Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 173 page
background image
OperatingModesandSystemClocks
Present day applications require that their microcontrollers have high performance but often still
demand that they consume as little power as possible, conflicting requirements that are especially true
in battery powered portable applications. The fast clocks required for high performance will by their
nature increase current consumption and of course vice versa, lower speed clocks reduce current
consumption. As Holtek has provided these devices with both high and low speed clock sources and
the means to switch between them dynamically, the user can optimise the operation of their
microcontroller to achieve the best performance/power ratio.
SystemClocks
The device has many different clock sources for both the CPU and peripheral function operation. By
providing the user with a wide range of clock options using configuration options and register
programming, a clock system can be configured to obtain maximum application performance.
The main system clock can come from a high frequency fH or low frequency fL source and is selected
using the HLCLK bit and CKS2~CKS0 bits in the SMOD register. The high speed system clock can be
sourced from either a HXT, ERC or HIRC oscillator, selected via a configuration option. The low
speed system clock source can be sourced from internal clock fL. If fL is selected, then it can be sourced
by the LIRC oscillator. The other choice, which is a divided version of the high speed system oscillator
has a range of fH/2~fH/64. Note that when the system clock source fSYS is switched to fL from fH, the high
speed oscillation will stop to conserve the power. Thus there is no fH~fH/64 for peripheral circuit to use.
There are two additional internal clocks for the peripheral circuits, the substitute clock, fSUB, and the
Time Base clock, fTBC. These internal clocks are sourced by the LIRC oscillator. The fSUB clock is used
to provide a substitute clock for the microcontroller just after a wake-up has occurred to enable faster
wake-up times. Together with fSYS/4 it is also used as one of the clock sources for the Watchdog timer.
The fTBC clock is used as a source for the Time Base interrupt functions and for the TMs.
SystemOperationModes
There are six different modes of operation for the microcontroller, each one with its own special
characteristics and which can be chosen according to the specific performance and power
requirements of the application. There are two modes allowing normal operation of the
microcontroller, the NORMAL Mode and SLOW Mode. The remaining four modes, the SLEEP0,
SLEEP1, IDLE0 and IDLE1 Mode are used when the microcontroller CPU is switched off to conserve
power.
OperationMode
Description
CPU
fSYS
fSUB
fS
fTBC
NORMALMode
On
fH~ fH/64
On
On
On
SLOWMode
On
fL
On
On
On
IDLE0Mode
On
Off
On
On/Off
On
IDLE1Mode
Off
On
On
On
On
SLEEP0Mode
Off
Off
Off
Off
Off
SLEEP1Mode
Off
Off
On
On
Off
HT66F13/HT66F14/HT66F15
EnhancedA/DFlashType MCU
Rev.1.10
32
February9,2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com