Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F13 Datasheet(PDF) 31 Page - Holtek Semiconductor Inc

Part # HT66F13
Description  Enhanced A/D Flash Type MCU
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F13 Datasheet(HTML) 31 Page - Holtek Semiconductor Inc

Back Button HT66F13 Datasheet HTML 27Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 28Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 29Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 30Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 31Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 32Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 33Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 34Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 35Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 173 page
background image
ExternalRCOscillator
- ERC
Using the ERC oscillator only requires that a resistor, with a value between 24k
W and 2.4MW, is
connected between OSC1 and VDD, and a capacitor is connected between OSC1 and ground, providing
a low cost oscillator configuration. It is only the external resistor that determines the oscillation
frequency; the external capacitor has no influence over the frequency and is connected for stability
purposes only. Device trimming during the manufacturing process and the inclusion of internal
frequency compensation circuits are used to ensure that the influence of the power supply voltage,
temperature and process variations on the oscillation frequency are minimised. As a resistance/
frequency reference point, it can be noted that with an external 120k
W resistor connected and with a
5V voltage power supply and temperature of 25
°C degrees, the oscillator will have a frequency of
8MHz within a tolerance of 2%. Here only the OSC1 pin is used, which is shared with I/O pin PB1,
leaving pin PB2 free for use as a normal I/O pin.
InternalRCOscillator
- HIRC
The internal RC oscillator is a fully integrated system oscillator requiring no external components. The
internal RC oscillator has three fixed frequencies of either 4MHz, 8MHz or 12MHz. Device trimming
during the manufacturing process and the inclusion of internal frequency compensation circuits are
used to ensure that the influence of the power supply voltage, temperature and process variations on
the oscillation frequency are minimised. As a result, at a power supply of either 3V or 5V and at a
temperature of 25
°C degrees, the fixed oscillation frequency of 4MHz, 8MHz or 12MHz will have a
tolerance within 2%. Note that if this internal system clock option is selected, as it requires no external
pins for its operation, I/O pins PB1 and PB2 are free for use as normal I/O pins.
Internal32kHzOscillator
- LIRC
The Internal 32kHz System Oscillator is one of the low frequency oscillator choices, which is selected
via configuration option. It is a fully integrated RC oscillator with a typical frequency of 32kHz at 5V,
requiring no external components for its implementation. Device trimming during the manufacturing
process and the inclusion of internal frequency compensation circuits are used to ensure that the
influence of the power supply voltage, temperature and process variations on the oscillation frequency
are minimised. As a result, at a power supply of 5V and at a temperature of 25¢J degrees, the fixed
oscillation frequency of 32kHz will have a tolerance within 10%.
SupplementaryOscillator
The low speed oscillator, in addition to providing a system clock source, is also used to provide a clock
source to two other device functions. These are the Watchdog Timer and the Time Base Interrupts.
Rev.1.10
31
February9,2011
HT66F13/HT66F14/HT66F15
EnhancedA/DFlashType MCU
O S C 1
2 0 p F
V D D
R O S C
P B 2
ExternalRCOscillator
- ERC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com