Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F13 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT66F13
Description  Enhanced A/D Flash Type MCU
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F13 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT66F13 Datasheet HTML 1Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 2Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 3Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 4Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 5Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 173 page
background image
TimerModules
- TM..........................................................................59
Introduction ..........................................................................................................59
TM Operation .......................................................................................................60
TM Clock Source..................................................................................................60
TM Interrupts ........................................................................................................60
TM External Pins ....................................................................................................6
TM Input/Output Pin Control Registers .................................................................61
Programming Considerations ...............................................................................66
CompactTypeTM
- CTM..................................................................67
Compact TM Operation ........................................................................................67
Compact Type TM Register Description ...............................................................68
Compact Type TM Operating Modes ....................................................................72
StandardTypeTM
- STM..................................................................77
Standard TM Operation ........................................................................................77
Standard Type TM Register Description ...............................................................78
Standard Type TM Operating Modes....................................................................82
EnhancedTypeTM
- ETM ................................................................89
Enhanced TM Operation ......................................................................................89
Enhanced Type TM Register Description..............................................................90
Enhanced Type TM Operating Modes ..................................................................95
Compare Output Mode .........................................................................................96
Capture Input Mode............................................................................................107
AnalogtoDigitalConverter............................................................109
A/D Overview .....................................................................................................109
A/D Converter Register Description ....................................................................109
A/D Converter Data Registers
- ADRL, ADRH ...................................................110
A/D Converter Control Registers
- ADCR0, ADCR1, ACER ...............................110
A/D Operation.....................................................................................................113
A/D Input Pins.....................................................................................................114
Summary of A/D Conversion Steps ....................................................................115
Programming Considerations .............................................................................116
A/D Transfer Function.........................................................................................116
A/D Programming Example ................................................................................117
Interrupts..........................................................................................119
Interrupt Registers ..............................................................................................119
Interrupt Operation .............................................................................................124
External Interrupt ................................................................................................126
Multi-function Interrupt ........................................................................................126
A/D Converter Interrupt.......................................................................................127
Time Base Interrupts ..........................................................................................127
LVD Interrupt ......................................................................................................128
TM Interrupts ......................................................................................................128
Contents
Rev.1.10
4
February9,2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com