Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F13 Datasheet(PDF) 28 Page - Holtek Semiconductor Inc

Part # HT66F13
Description  Enhanced A/D Flash Type MCU
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F13 Datasheet(HTML) 28 Page - Holtek Semiconductor Inc

Back Button HT66F13 Datasheet HTML 24Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 25Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 26Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 27Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 28Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 29Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 30Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 31Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 32Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 173 page
background image
· PDF is cleared by a system power-up or executing the
²CLR WDT² instruction. PDF is set by
executing the
²HALT² instruction.
· TO is cleared by a system power-up or executing the
²CLR WDT² or ²HALT² instruction. TO is set
by a WDT time-out.
In addition, on entering an interrupt sequence or executing a subroutine call, the status register will not
be pushed onto the stack automatically. If the contents of the status registers are important and if the
subroutine can corrupt the status register, precautions must be taken to correctly save it.
STATUSRegister
Bit
7
6
5
4
3
2
1
0
Name
¾
¾
TO
PDF
OV
Z
AC
C
R/W
¾
¾
R
R
R/W
R/W
R/W
R/W
POR
¾
¾
0
0
x
x
x
x
²x² unknown
Bit7,6
Unimplemented,readas
²0²
Bit5
TO:WatchdogTime-Outflag
0:Afterpoweruporexecutingthe
²CLR WDT² or ²HALT² instruction
1:A watchdogtime-outoccurred.
Bit4
PDF:Powerdownflag
0:Afterpoweruporexecutingthe
²CLR WDT² instruction
1:Byexecutingthe
²HALT² instruction
Bit3
OV:Overflowflag
0:nooverflow
1:anoperationresultsinacarryintothehighest-orderbitbutnotacarryoutofthe
highest-orderbitorviceversa.
Bit2
Z:Zeroflag
0:Theresultofanarithmeticorlogicaloperationisnotzero
1:Theresultofanarithmeticorlogicaloperationiszero
Bit1
AC:Auxiliaryflag
0:noauxiliarycarry
1:anoperationresultsinacarryoutofthelownibblesinaddition,ornoborrowfromthe
highnibbleintothelownibbleinsubtraction
Bit0
C:Carryflag
0:nocarry-out
1:anoperationresultsinacarryduringanadditionoperationorifaborrowdoesnottakeplace
duringasubtractionoperation
C isalsoaffectedbyarotatethroughcarryinstruction.
HT66F13/HT66F14/HT66F15
EnhancedA/DFlashType MCU
Rev.1.10
28
February9,2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com