Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F13 Datasheet(PDF) 41 Page - Holtek Semiconductor Inc

Part # HT66F13
Description  Enhanced A/D Flash Type MCU
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F13 Datasheet(HTML) 41 Page - Holtek Semiconductor Inc

Back Button HT66F13 Datasheet HTML 37Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 38Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 39Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 40Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 41Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 42Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 43Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 44Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 45Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 173 page
background image
Each pin on Port A can be setup using the PAWU register to permit a negative transition on the pin to
wake-up the system. When a Port A pin wake-up occurs, the program will resume execution at the
instruction following the
²HALT² instruction. If the system is woken up by an interrupt, then two
possible situations may occur. The first is where the related interrupt is disabled or the interrupt is enabled
but the stack is full, in which case the program will resume execution at the instruction following the
²HALT² instruction. In this situation, the interrupt which woke-up the device will not be immediately
serviced, but will rather be serviced later when the related interrupt is finally enabled or when a stack
level becomes free. The other situation is where the related interrupt is enabled and the stack is not full, in
which case the regular interrupt response takes place. If an interrupt request flag is set high before
entering the SLEEP or IDLE Mode, the wake-up function of the related interrupt will be disabled.
ProgrammingConsiderations
If the device is woken up from the SLEEP1 Mode to NORMAL Mode, and the system clock source is
from the HXT oscillator and FSTEN is
²1², the system clock can first be switched to the LIRC
oscillator after wake up.
There are peripheral functions, such as WDT and TMs, for which the fSYS is used. If the system clock
source is switched from fH to fL, the clock source to the peripheral functions mentioned above will
change accordingly.
The on/off condition of fSUB and fS depends upon whether the WDT is enabled or disabled as the WDT
clock source is selected from fSUB.
WatchdogTimer
The Watchdog Timer is provided to prevent program malfunctions or sequences from jumping to
unknown locations, due to certain uncontrollable external events such as electrical noise.
WatchdogTimerClockSource
The Watchdog Timer clock source is provided by the internal clock, fS, which is in turn supplied by one
of two sources selected by configuration option: fSUB or fSYS/4. The fSUB clock is sourced from the LIRC
oscillator. The LIRC internal oscillator has an approximate period of 32kHz at a supply voltage of 5V.
However, it should be noted that this specified internal clock period can vary with VDD, temperature
and process variations. The other Watchdog Timer clock source option is the fSYS/4 clock. The
Watchdog Timer clock source can originate from the fSUB clock, i.e. its own internal LIRC oscillator or
fSYS/4 determined by a configuration option. The Watchdog Timer source clock is then subdivided by a
ratio of 2
8 to 215 to give longer timeouts, the actual value being chosen using the WS2~WS0 bits in the
WDTC register.
Rev.1.10
41
February9,2011
HT66F13/HT66F14/HT66F15
EnhancedA/DFlashType MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com