Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F13 Datasheet(PDF) 146 Page - Holtek Semiconductor Inc

Part # HT66F13
Description  Enhanced A/D Flash Type MCU
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F13 Datasheet(HTML) 146 Page - Holtek Semiconductor Inc

Back Button HT66F13 Datasheet HTML 142Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 143Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 144Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 145Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 146Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 147Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 148Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 149Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 150Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 173 page
background image
SIZ [m]
SkipifincrementDataMemoryis0
Description
The contents of the specified Data Memory are first incremented by 1. If the result is 0,
the following instruction is skipped. As this requires the insertion of a dummy instruc-
tion while the next instruction is fetched, it is a two cycle instruction. If the result is not 0
theprogramproceedswiththefollowinginstruction.
Operation
[m]
¬ [m]+1
Skipif[m]=0
Affected flag(s)
None
SIZA [m]
SkipifincrementDataMemoryiszerowithresultin ACC
Description
The contents of the specified Data Memory are first incremented by 1. If the result is 0,
the following instruction is skipped. The result is stored in the Accumulator but the spec-
ified Data Memory contents remain unchanged. As this requires the insertion of a
dummy instruction while the next instruction is fetched, it is a two cycle instruction. If
theresultisnot0theprogramproceedswiththefollowinginstruction.
Operation
ACC
¬ [m]+1
Skipif ACC =0
Affected flag(s)
None
SNZ [m].i
Skipifbit i ofDataMemoryisnot0
Description
If bit i of the specified Data Memory is not 0, the following instruction is skipped. As this
requires the insertion of a dummy instruction while the next instruction is fetched, it is a
two cycle instruction. If the result is 0 the program proceeds with the following instruc-
tion.
Operation
Skipif[m].i
¹ 0
Affected flag(s)
None
SUB A,[m]
SubtractDataMemoryfrom ACC
Description
The specified Data Memory is subtracted from the contents of the Accumulator. The re-
sult is stored in the Accumulator. Note that if the result of subtraction is negative, the C
flag will be cleared to 0, otherwise if the result is positive or zero, the C flag will be set to
1.
Operation
ACC
¬ ACC - [m]
Affected flag(s)
OV,Z,AC,C
SUBM A,[m]
SubtractDataMemoryfrom ACC withresultinDataMemory
Description
The specified Data Memory is subtracted from the contents of the Accumulator. The re-
sult is stored in the Data Memory. Note that if the result of subtraction is negative, the C
flag will be cleared to 0, otherwise if the result is positive or zero, the C flag will be set to
1.
Operation
[m]
¬ ACC - [m]
Affected flag(s)
OV,Z,AC,C
SUB A,x
Subtractimmediatedatafrom ACC
Description
The immediate data specified by the code is subtracted from the contents of the Accumu-
lator. The result is stored in the Accumulator. Note that if the result of subtraction is neg-
ative, the C flag will be cleared to 0, otherwise if the result is positive or zero, the C flag
willbesetto1.
Operation
ACC
¬ ACC - x
Affected flag(s)
OV,Z,AC,C
HT66F13/HT66F14/HT66F15
EnhancedA/DFlashTypeMCU
Rev.1.10
146
February9,2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com