Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3003 Datasheet(PDF) 52 Page - Micrel Semiconductor

Part # MIC3003
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003 Datasheet(HTML) 52 Page - Micrel Semiconductor

Back Button MIC3003_11 Datasheet HTML 48Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 49Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 50Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 51Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 52Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 53Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 54Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 55Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 56Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
52
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
Extended Control and Status (ECNTRL)
D[7]
reserved
D[6]
reserved
D[5]
reserved
D[4]
reserved
D[3]
SRS1
read/write
D[2]
reserved
D[1]
PLOS
read/write
D[0]
PLS
read/write
Default Value
0000 0000b = 00h
Serial Address
A2h
Byte Address
118 = 76h
Bit(s)
Function
Operation
D[7-4]
Reserved
Reserved—always read as zeros
D[3]
SRS1
Soft rate select (RS1)
Assert the TRSOUT pin in Rate
Select/Extended Rate Select Emulation
Mode
D[2]
Reserved
Reserved—always reads as zero
D[1]
PLOS
Power Level Operation State
D[0]
PLS
Power Level Select
These two bits are read/write but change
no functionality of the MIC3003
OEM Password Entry (OEMPW)
D[7]
read/write
D[6]
read/write
D[5]
read/write
D[4]
read/write
D[3]
read/write
D[2]
read/write
D[1]
read/write
D[0]
read/write
Default value for all four bytes
0000 0000b = 00h (reset to zero at power-on)
Serial address
A2h
Byte addresses
If OEMCFG5-2 = 0: 120 – 123 = 78h – 7Bh
If OEMCFG5-2 = 1: 123 – 126 = 7Bh – 7Eh
This four-byte field is for entry of the password required to access the OEM area of the MIC3003’s memory and registers. A
valid OEM password will also permit access to the user areas of memory. This field is compared to the four-byte OEMPWSET
field at serial address A6h, bytes 12 - 15 (0Ch – 0Fh). If the two fields match, access is allowed to the OEM areas of the
MIC3003 non-volatile memory at serial addresses A4h and A6h. The OEM password is set by writing the new value into
OEMPWSET. The password comparison is performed following the write to the highest address byte of OEMPW, address 7Bh
if OEMCFG5 bit 2 is low, or 7Eh if OEMCFG5 bit 2 is high. This byte must be written last.
A four-byte burst-write sequence to OEMPW may be used as this will result in the highest address byte being written last.
OEMPW is reset to zero at power on. Any values written to OEMPW will be readable by the host regardless of the
locked/unlocked status of the device. If OEMPWSET is set to zero (00000000h), the MIC3003 will remain unlocked regardless
of the contents of the OEMPW field. This is the factory default security setting.
Byte
Weight
3
OEM Password Entry, Most Significant Byte (Address = 7Bh resp. 7Eh)
2
OEM Password Entry, 2nd Most Significant Byte (Address = 7Ah resp. 7Dh)
1
OEM Password Entry, 2nd Least Significant Byte (Address = 79h resp. 7Ch)
0
OEM Password Entry, Least Significant Byte (Address = 78h resp. 7Bh)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com