Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3003 Datasheet(PDF) 44 Page - Micrel Semiconductor

Part # MIC3003
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003 Datasheet(HTML) 44 Page - Micrel Semiconductor

Back Button MIC3003_11 Datasheet HTML 40Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 41Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 42Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 43Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 44Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 45Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 46Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 47Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 48Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
44
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
Bias Current High Warning Threshold
D[7]
read/write
D[6]
read/write
D[5]
read/write
D[4]
read/write
D[3]
read/write
D[2]
read/write
D[1]
read/write
D[0]
read/write
Default value for both bytes
0000 0000b = 00h (0 mA)
Serial address
A2h
Bytes addresses
MS byte (IHIGHh): 20 = 14h
LS byte (IHIGHl): 21 = 15h
Each LS bit of IHIGHh represents 512
μA and each LS bit of IHIGHl represents 2 μA. The sixteen-bit threshold value
(IHIGHh:IHIGHl) is compared,to the sixteen-bit value of the bias current result (ILDh:ILDl). WARN0 bit 3 is set if Result >
Threshold.
Bias Current Low Warning Threshold
D[7]
read/write
D[6]
read/write
D[5]
read/write
D[4]
read/write
D[3]
read/write
D[2]
read/write
D[1]
read/write
D[0]
read/write
Default value for both bytes
0000 0000b = 00h (0 mA)
Serial address
A2h
Bytes addresses
MS byte (ILOWh): 22 = 16h
LS byte (ILOWl): 23 = 17h
Each LS bit of ILOWh represents 512
μA and each LS bit of ILOWl represents 2 μA. The sixteen-bit threshold value
(ILOWh:ILOWl) is compared to the sixteen-bit value of the bias current result (ILDh:ILDl). WARN0 bit 2 is set if
Result < Threshold.
TX Optical Power High Warning
D[7]
read/write
D[6]
read/write
D[5]
read/write
D[4]
read/write
D[3]
read/write
D[2]
read/write
D[1]
read/write
D[0]
read/write
Default value for both bytes
0000 0000b = 00h (0 mW)
Serial address
A2h
Bytes addresses
MS byte (TXHIGHh): 28 = 1Ch
LS byte (TXHIGHl): 29 = 1Dh
Each LS bit of TXHIGHh represents 25.6
μW, and each LS bit of TXHIGHl represents 0.1 μW. The sixteen-bit threshold value
(TXHIGHh:TXHIGHl) is compared to the sixteen-bit value of the TX power result (TXOPh:TXOPl).WARN0 bit 1 is set if Result >
Threshold.
TX Optical Power Low Warning
D[7]
read/write
D[6]
read/write
D[5]
read/write
D[4]
read/write
D[3]
read/write
D[2]
read/write
D[1]
read/write
D[0]
read/write
Default value for both bytes
0000 0000b = 00h (0 mW)
Serial address
A2h
Byte addresses
MS byte (TXLOWh): 30 = 1Eh
LS byte (TXLOWl): 31 = 1Fh
Each LS bit of TXLOWh represents 25.6
μW, and each LS bit of TXLOWl represents 0.1 μW. The sixteen-bit threshold value
(TXLOWh:TXLOWl) is compared,to the sixteen-bit value of the TX power reading (TXOPh:TXOPl). ALARM0 bit 0 is set if
Result < Threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com