Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3003 Datasheet(PDF) 71 Page - Micrel Semiconductor

Part # MIC3003
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003 Datasheet(HTML) 71 Page - Micrel Semiconductor

Back Button MIC3003_11 Datasheet HTML 67Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 68Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 69Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 70Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 71Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 72Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 73Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 74Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 75Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 71 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
71
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
OEM Configuration 6 (OEMCFG6)
D[7]
read/write
D[6]
read/write
D[5]
read/write
D[4]
read/write
D[3]
read/write
D[2]
read/write
D[1]
read/write
D[0]
read/write
Default value
0000 0000b = 00h
Serial address
A6h
Byte address
27 = 1Bh
This register is non-volatile and will be maintained through power and reset cycles. A valid OEM password is required for access
to these registers.
Bit(s)
Function
Operation
D[7]
A0h space access control
0: A0h space is used according to SFF-8472
1: A0h space does not respond to any access request. SMBus transactions to
A0h receive a NACK response.
D[6:5]
RXPWR Linearization Intervals
00: Temperature-based coefficient selection
01: Programmable delimiters
10: Hard coded delimiters
11: Reserved
Options 01 and 10 partition the receive power result range into eight regions,
each of which has its own slope and offset coefficients. The delimiters identify
the region boundaries within the 12-bit receive power range of results, and
may be either hard-coded (10) or programmable (01).
Use of hard-coded delimiters frees up exta A6 memory space for scratchpad
use.
D[4]
TXDISABLE debounce enable
/ disable
0: TXDISABLE is not debounced
1: TXDISABLE is debounced. Glitches less than 5 ms are rejected.
Set this bit to 1 if a mechanical switch is used for TXDISABLE. Set to 0 for
normal operation to assure compliance to the SFP MSA.
D[3]
RXLOS Polarity
0: The RXLOS output is low for normal operation and high with a loss of signal
condition.
1: The RXLOS output is high for normal operation (signal detected) and low
with a loss of signal (no signal detected) condition.
D[2]
RXLOS/TRSOUT Select
0: RXLOS is selected for output
1: TRRSOUT is selected for output
D[1]
Temperature resolution
0: Temperature is measured to a resolution of 1 ºC (eight-bit resolution)
1: Temperature is measured to a resolution of 0.5 ºC (nine-bit resolution)
D[0]
TXFAULT clear mode
0: TXFAULT remains set until TXDISABLE is toggled
1: TXFAULT is in continuous mode and follows the state of the faults
In continuous mode, the fault conditions asserting TXFAULT are not registered
and turn on and off According to the MIC3003’s operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com