Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3003 Datasheet(PDF) 24 Page - Micrel Semiconductor

Part # MIC3003
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003 Datasheet(HTML) 24 Page - Micrel Semiconductor

Back Button MIC3003_11 Datasheet HTML 20Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 21Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 22Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 23Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 24Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 25Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 26Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 27Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 28Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
24
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
Address(s)
HEX
DEC
Field
Size
Name
Description
48-49
72-73
2
RESERVED
Reserved. There is no slope for temperature. Do not write; reads undefined.
4A-4B
74-75
2
TOFFh:TOFFl
Temperature offset; signed six-bit integer offset with an LSB resolution of .5
degrees C per bit. The two most significant bits of TOFFh are ignored.
TOFFl is not used.
Note that TOFFh is also used in external calibration mode.
4C-4D
76-77
2
VSLPh:VSLPl
Voltage slope; unsigned fixed-point; MSB is at lower physical address.
4E-4F
78-79
2
VOFFh:VOFFl
Voltage offset; signed integer; MSB is at lower physical address.
50-51
80-81
2
ISLPh:ISLPl
Bias current slope; unsigned fixed-point; MSB is at lower physical address.
52-53
82-83
2
IOFFh:IOFFl
Bias current offset; signed integer; MSB is at lower physical address.
54-55
84-85
2
TXSLPh: XSLPl
TX power slope; unsigned fixed-point; MSB is at lower physical address.
56-57
86-87
2
TXOFFh: TXOFFl
TX power slope; unsigned fixed-point; MSB is at lower physical address.
Table 11. Internal Calibration Coefficient Memory Map – Part I
Address(s)
HEX
DEC
Field
Size
Name
Description
28-29
40-41
2
RXSLP0h: RXSLP0l
RX power slope 0; unsigned fixed-point; MSB is at lower physical address.
2A-2B
42-43
2
RXOFF0h: RXOFF0l
RX power offset 0; signed integer; MSB is at lower physical address.
2C-2D
44-45
2
RXSLP1h: RXSLP1l
RX power slope 1; unsigned fixed-point; MSB is at lower physical address.
2E-2F
46-47
2
RXOFF1h: RXOFF1l
RX power offset 1; signed integer; MSB is at lower physical address.
30-31
48-49
2
RXSLP2h: RXSLP2l
RX power slope 2; unsigned fixed-point; MSB is at lower physical address.
32-33
50-51
2
RXOFF2h: RXOFF2l
RX power offset 2; signed integer; MSB is at lower physical address.
34-35
52-53
2
RXSLP3h: RXSLP3l
RX power slope 3; unsigned fixed-point; MSB is at lower physical address.
36-37
54-55
2
RXOFF3h: RXOFF3l
RX power offset 3; signed integer; MSB is at lower physical address.
38-39
56-57
2
RXSLP4h: RXSLP4l
RX power slope 4; unsigned fixed-point; MSB is at lower physical address.
3A-3B
58-59
2
RXOFF4h: RXOFF4l
RX power offset 4; signed integer; MSB is at lower physical address.
3C-3D
60-61
2
RXSLP5h: RXSLP5l
RX power slope 5; unsigned fixed-point; MSB is at lower physical address.
3E-3F
62-63
2
RXOFF5h: RXOFF5l
RX power offset 5; signed integer; MSB is at lower physical address.
40-41
64-65
2
RXSLP6h: RXSLP6l
RX power slope 6; unsigned fixed-point; MSB is at lower physical address.
42-43
66-67
2
RXOFF6h: RXOFF6l
RX power offset 6; signed integer; MSB is at lower physical address.
44-45
68-69
2
RXSLP7h: RXSLP7l
RX power slope 7; signed integer; MSB is at lower physical address.
46-47
70-71
2
RXOFF7h: RXOFF7l
RX power offset 7; signed fixed-point; MSB is at lower physical address.
Table 12. Internal Calibration Coefficient Memory Map – Part II



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com