Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3003 Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # MIC3003
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003 Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MIC3003_11 Datasheet HTML 11Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 12Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 13Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 14Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 15Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 16Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 17Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 18Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 19Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
15
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
Serial Interface Address Maps
Address
(Decimal)
Field Size
(Bytes)
Name
Description
0 –95
96
Serial ID defined by SFP MSA
General-purpose NVRAM; R/W under valid OEM password.
96 – 127
32
Vendor Specific
Vendor specific EEPROM
128 – 255
128
Reserved
Reserved for future use. General-purpose NVRAM; R/W under
valid OEM password.
Table 1. MIC3003 Serial Interface Address Map, Device Address = A0h
Address(s)
Hex
Dec
Field Size
(Bytes)
Name
Description
00-27
0-39
40
Alarm and Warning Thresholds
High/low limits for warnings and alarms; writeable using the
OEM password; read-only otherwise.
28-37
40-55
16
Reserved
Reserved – do not write; reads undefined.
38-5B
56-91
36
Calibration Constants
Numerical constants for external calibration; writeable using
the OEM password; read-only otherwise.
5C-5E
92-94
3
Reserved
Reserved – do not write; reads undefined.
5F
95
1
Checksum
General-purpose NVRAM; writeable using the OEM password;
read-only otherwise.
60-69
96-105
10
Analog Data
Real time analog parameter data.
6A-6D
106-109
4
Reserved
Reserved – do not write; reads undefined.
6E
110
1
Control/Status Register
Control and status bits.
6F
111
1
Rate Select Control
Bits [7-6] control the use of the RS0 and RS1 inputs and the
SRS0 and SRS1 register bits.
70-71
112-113
2
Alarm Flags
Alarm status bits; read-only.
72-73
114-115
2
Reserved
Reserved – do not write; reads undefined.
74-75
116-117
2
Warning Flags
Warning status bits; read-only.
76
118
1
Extended Control/Status
Register
Additional control and status bits.
77
119
1
Reserved
Reserved – do not write; reads undefined.
78-7E
120-126
7
OEMPW
OEM password entry field. The four-byte OEM password
location can be selected to be 78h-7Bh (120-123) by setting
OEMCFG5 bit 2 to 0 (default) or 7Bh-7Eh (123-126) by setting
OEMCFG5 bit 2 to a one.
7F
127
1
Vendor-specific
Vendor specific. Reserved – do not write; reads undefined.
80-F7
128-247
120
User Scratchpad
User-writeable EEPROM. General-purpose NVRAM.
F8-F9
248-249
2
Alarms Masks
Bit = 0: Corresponding alarm not masked.
Bit = 1: Corresponding alarm masked.
FA-FB
250-251
2
Warnings Masks
Bit = 0: Corresponding warning not masked.
Bit = 1: Corresponding warning masked.
FC-FD
252-253
2
Reserved
Reserved – do not write; reads undefined.
FE
254
1
USRCTL
End-user control and status bits.
FF
255
1
RESETOUT
Bits [2:0] of this register control the QGPO reset output (pin
17) If OEMCFG3 bit 7 is set to 1.
Table 2. MIC3003 Serial Interface Address Map, Device Address = A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com