Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3003 Datasheet(PDF) 70 Page - Micrel Semiconductor

Part # MIC3003
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003 Datasheet(HTML) 70 Page - Micrel Semiconductor

Back Button MIC3003_11 Datasheet HTML 66Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 67Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 68Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 69Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 70Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 71Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 72Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 73Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 74Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
70
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
OEM Configuration 5 (OEMCFG5)
D[7]
read/write
D[6]
read/write
D[5]
read/write
D[4]
read/write
D[3]
read/write
D[2]
read/write
D[1]
read/write
D[0]
read/write
Default value
0000 0000b = 00h
Serial address
A6h
Byte address
26 = 1Ah
This register is non-volatile and will be maintained through power and reset cycles. A valid OEM password is required for access
to these registers.
Bit(s)
Function
Operation
D[7]
SHDN output enable / disable
0: SHDN is enabled. TXFAULT will trigger the SHDN output
1: SHDN is disabled. TXFAULT has no effect on the SHDN output
This applies when pin 7 is set as the SHDN output
D[6]
Lookup table temperature
offset control
0: The temperature result used for the LUT access averaging algorithm does
not have the offset coefficient applied
1: The temperature result used for the LUT access averaging algorithm is
offset by the signed 6-bit (.5 C resolution) offset coefficient.
D[5]
Temperature result register
offset control
0: The temperature result register does not have the offset coefficient applied
1: The temperature result register is offset by the signed 6-bit (.5 C resolution)
offset coefficient.
D[4]
Polarity of TXFAULT
0: TXFAULT is active-high
1: TXFAULT is active-low
D[3]
SMBus multipart support
0: Multipart mode off
1: Multipart mode on
D[2]
OEM password location
0: A6h: 120-123 (78h-7Bh)
1: A6h: 123-126 (7Bh-7Eh)
D[1]
SMBUS timeout enable /
disable
0: SMBUS timeout enabled
1: SMBUS timeout disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com