Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3003 Datasheet(PDF) 23 Page - Micrel Semiconductor

Part # MIC3003
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003 Datasheet(HTML) 23 Page - Micrel Semiconductor

Back Button MIC3003_11 Datasheet HTML 19Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 20Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 21Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 22Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 23Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 24Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 25Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 26Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 27Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
23
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
RX Power
Received power is sensed as a voltage appearing at
VRX. It is assumed that this voltage is generated by a
sense resistor carrying the receiver photodiode current
or by the RSSI circuit of the receiver. The value returned
by the A/D is therefore a voltage analogous to received
power. The binary values in RXOPh and RXOPl are
related to receive power by:
RX(mW)=K x VREF x (256 x RXOPh +RXOPl/16)/ 65536 (4)
For a given implementation, the constant, K, will likely
have to be determined through experimentation or
closed-loop calibration, as it depends upon the gain and
efficiencies
of
the
receiver.
In
SFF-8472
implementations, the external calibration constants can
describe up to a fourth-order polynomial in case K is
nonlinear.
B/ Internal Calibration
If the INTCAL bit in OEMCFG3 is set to 1 (internal
calibration selected), the MIC3003 will process each
piece of data coming out of the A/D converter before
storing the result in result register. Linear slope/offset
correction will be applied on a per-channel basis to the
measured values for voltage, bias current, TX power,
and RX power. Only offset is applied to temperature.
The user must store the appropriate slope/offset
coefficients in memory at the time of transceiver
calibration. In the case of RX power, a look-up table is
provided that implements eight-segment piecewise-
linear correction. This correction may be performed as a
compensation
of
the
receiver
non-linearity
over
temperature or receive power level. If static slope/offset
correction for RX power is desired, the eight coefficient
sets can simply be made the same. The user has the
option to select between using preset hard-coded
delimiters values or programmable delimiters where
delimiters corresponding to the best linear approximation
intervals of a specific receiver can be entered. The latter
option will use an additional fourteen (14) bytes from the
OEM scratch pad A6h:208-221(DOh-DDh). OEMCFG6
bits [6:5] are used to select between these options. The
memory maps for the calibration coefficients are shown
in Tables 11 and 12. If the programmable delimiters
option is selected, the user must enter the seven
delimiters of the intervals that best fit the receiver
response. The diagram in Figure 3 shows the link
between the delimiters and the sets of slopes and
offsets.
Slopes Coefficients
The slopes allow for the correction of gain errors. Each
slope coefficient is an unsigned, sixteen-bit, fixed-point
binary number in the format:
[mmmmmmmm.llllllll],
(5)
where m is a data bit in the most-significant byte and l is
a data bit in the least significant byte
Slopes are always positive. The decimal point is in
between the two bytes, i.e., between bits 7 and 8. This
provides a numerical range of 1/256 (0.00391) to
255.997 in steps of 1/256. The most significant byte is
always stored in memory at the lower numerical
address.
Offset coefficients
The offsets correct for constant errors in the measured
data. Each offset, apart from temperature, is a signed,
sixteen-bit, fixed-point binary number. The bit-weights of
the offsets are the same as that of the final results. The
sixteen-bit offsets provide a numerical range of –32768
to +32767 for voltage, bias current, transmit power, and
receive power.
The numerical range for the six-bit temperature offset is
–32 (–16 °C) to +31 (+15.5 °C) in increments of .5 °C.
The two most significant bits of the temperature offset
coefficient are ignored by the MIC3003.
Computing Internal Calibration Results
Calibration of voltage, bias current, and TX power are
performed using the following calculation:
RESULTn = ADC_RESULTn x SLOPEn + OFFSETn
(6)
Calibration of RX power is performed using the following
calculation:
RESULT = ADC_RESULT x SLOPE(m) + OFFSET(m)
(7)
where m represents one of the eight linearization
intervals corresponding to the RX power level.
The results of these calculations are rounded to sixteen
bits. If the seventeenth bit is a one, the result is rounded
up to the next higher value. If the seventeenth bit is zero,
the upper sixteen bits remain unchanged. The bit-
weights of the offsets are the same as that of the final
results. For SFF-8472 compatible applications, these bit-
weights are given in Table 10.
Parameter
Magnitude of LSB
Voltage
100µV
Bias Current
2µA
TX Power
0.1µW
RX Power
0.1µW
Table 10. LSB Values of Offset Coefficients



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com