Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3003 Datasheet(PDF) 36 Page - Micrel Semiconductor

Part # MIC3003
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003 Datasheet(HTML) 36 Page - Micrel Semiconductor

Back Button MIC3003_11 Datasheet HTML 32Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 33Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 34Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 35Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 36Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 37Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 38Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 39Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 40Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
36
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
Figure 19. Successfully Clearing a Fault Condition
Figure 20. Unsuccessful Attempt to Clear a Fault
Warm Resets
The MIC3003 can be reset to its power-on default state
during operation by setting the RST bit in OEMCFG0.
When this bit is set, TXFAULT and RXLOS will be de-
asserted, all registers will be restored to their normal
power-on default values, and any A/D conversion in
progress will be halted and the results discarded. The
state of the MIC3003 following this operation is
indistinguishable from a power-on reset.
Power-On Hour Meter
The Power-On Hour meter logs operating hours using an
internal real-time clock and stores the result in NVRAM.
The hour count is incremented at ten-hour intervals in the
middle of each interval. The first increment therefore
takes place five hours after power-on. Time is
accumulated whenever the MIC3003 is powered. The
hour meter’s time base is accurate to +/-10% over all
MIC3003 operating conditions, and is accurate to +/-5%
in the range 0 to 70 degrees C. The counter is capable of
storing counts of more than thirty years, but is ultimately
limited by the write-cycle endurance of the non-volatile
memory. This implies a range of at least twenty years.
Actual results will depend upon the operating conditions
and write-cycle endurance of the part in question.
Two registers, POHh and POHl, contain a 15-bit power-on
hour measurement and an error flag, POHFLT. Great care
has been taken to make the MIC3003’s hour meter immune
to data corruption and to insure that valid data is maintained
across power cycles. The hour meter employs multiple data
copies and error correction codes to maintain data validity.
This data is stored in the POHDATA registers. If POHFLT is
set, however, the power-on hour meter data has been
corrupted and should be ignored.
It is recommended that a two-byte sequential read
operation be performed on POHh and POHl to insure
coherency between the two registers. These registers are
accessible by the OEM using a valid OEM password. The
only operation that should be performed on these registers
is to clear the hour meters initial value, if necessary, at the
time of product shipment. The hour meter result may be
cleared by setting all eight POHDATA bytes to 00h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com