Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3003 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC3003
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC3003_11 Datasheet HTML 4Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 5Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 6Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 7Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 8Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 9Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 10Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 11Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
8
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
Pin Configuration
24-Pin MLF
® (MLF-24)
Pin Description
Pin Number
Pin Name
Pin Function
1
FB
Analog Input. Feedback voltage for the APC loop op-amp. Polarity and scale are programmable
via the APC configuration bits I OEMCFG1. Connect to VBIAS if APC is not used.
2
VMPD
Analog Input. Multiplexed A/D converter input for monitoring transmitted optical power via a
monitor photodiode. In most applications, VMPD will be connected directly to FB. The input range
is 0 - VREF or 0 - VREF/4 depending upon the setting of the APC configuration bits
3
GNDA
Ground return for analog functions.
4
VDDA
Power supply input for analog functions.
5
VILD–
Analog Input. Reference terminal for the multiplexed pseudo-differential A/D converter inputs for
monitoring laser bias current via a sense resistor (VILD+ is the sensing input). Tie to VDD or GND
to reference the voltage sensed on VILD+ to VDD or GND, respectively.
6
VILD+
Analog Input. Multiplexed A/D input for monitoring laser bias current via a sense resistor (signal
input); accommodates inputs referenced to VDD or GND (see pin 5 description).
7
SHDN/TXFIN
Digital output/Input; programmable polarity. When used as shutdown output (SHDN), OEMCFG3
bit 2 set to 0, SHDN is asserted at the detection of a fault condition if OEMCFG4 bit 7 is set to 0. If
OEMCFG4 bit 7 is set to 1, a fault condition will not assert SHDN. When programmed as TXFIN, it
is an input for external fault signals to be ORed with the internal fault sources to drive TXFAULT.
8
VRX
Analog Input. Multiplexed A/D converter input for monitoring received optical power. The input
range is 0 to VREF. A 5-bit programmable EEPOT on this pin provides coarse calibration and
ranging of the RX power measurement.
9
RS1
Digital Input; Transmitter Rate Select Input; ORed with soft rate select bit SRS1 to determine the
state of the TRSOUT pin. The state of this pin is always reflected in the RS1S bit.
10
TXFAULT
Digital Output; Open-Drain, with programmable polarity. If OEMCFG5 bit 4 is set to 0, a high level
indicates a hardware fault impeding transmitter operation. If OEMCFG5 bit 4 is set to 1, a low level
indicates a hardware fault impeding transmitter operation. The state of this pin is always reflected
in the TXFLT bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com