Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3003 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC3003
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC3003_11 Datasheet HTML 5Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 6Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 7Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 8Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 9Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 10Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 11Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 12Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
9
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
Pin Number
Pin Name
Pin Function
11
TXDISABLE
Digital input; Active high. The transmitter is disabled when this input is high or the STXDIS bit is
set to 1. The state of this input is always reflected in the TXDIS bit.
12
DATA
Digital I/O, open-drain, bi-directional serial data input/output.
13
CLK
Digital input. Serial clock input.
14
VIN/INT
If bit 4 (IE) in the USRCTL register is set to 0 (its default value), this pin is configured as an analog
input. If IE bit is set to 1, this pin is configured as an open-drain output.
Analog input: Multiplexed A/D input for monitoring supply voltage, with a 0V to 5.5V input range.
Open-drain output: outputs the internally generated active-low interrupt signal /INT.
15
RS0
Digital input. Receiver Rate Select input. ORed with soft rate select bit SRS0 to determine the
state of the RRSOUT pin. The state of this pin is always reflected in the RS0S bit.
16
GNDD
Ground return for digital functions.
17
QGPO
Open-drain output. Can be selected (via OEMCFG3 bit 7) to be an open-drain GPO or an active-
low, open-drain, pulsed reset signal output controlled by the status of bits [0-2] of byte A2h: FFh.
18
VDDD
Power supply input for digital functions.
19
RXLOS/
TRSOUT
Digital output. This programmable polarity, open-drain outputs has two purposes:
If OEMCFG6 bit 2 = 0, indicates the loss of the received signal as indicated by a level of received
optical power below the programmed RXLOS comparator threshold; may be wire-ORed with
external signals. Normal operation is indicated by a low level when OEMCFG6 bit 3 is set to 0 and
a high level when OEMCFG6 bit 3 is set to 1. RXLOS is de-asserted when VRX > LOSFLTn. The
LOS bit reflects the state of RXLOS whether driven by the MIC3003 or an external circuit.
If OEMCFG6 bit 2 = 1, TRSOUT is selected. This signal represents the transmitter rate select as
per the SFF specification. This output is controlled by the SRS1 bit ORed with the RS1 input.
20
RRSOUT/
GPO
Digital Output. Open-Drain or push-pull.
If OEMCFG3 bit 4 is set to 0, RRSOUT is selected. It represents the receiver rate select as per
SFF. This output is controlled by the SRS0 bit ORed with RS0 input and is open drain only.
If OEMCFG3 bit 4 is set to 1, GPO is selected. General-purpose, non-volatile output, it is
controlled by the GPO configuration bits in OEMCFG3.
21
COMP
Analog output. Compensation terminal for the APC loop. Connect a capacitor between this pin and
GNDA or VDDA with the appropriate value to tune the APC loop time constant to a desirable value.
22
VBIAS
Analog output. Buffered DAC output capable of sourcing or sinking up to 10mA under control of
the APC function to drive an external transistor or the APCSET pin of a laser diode driver for laser
diode DC bias. The output and feedback polarity are programmable to accommodate either an
NPN or a PNP transistor to drive a common-anode or common-cathode laser diode.
23
VMOD–
Analog input. This pin is the inverting terminal of the VMOD buffer op-amp. Connect to VMOD
(gain = 1) or a feedback resistor network to set a different gain value.
24
VMOD
Analog Output. Buffered DAC output to set the modulation current on the laser driver IC. Operates
with either a 0– VREF or a (VDD–VREF) – VDD output swing so as to generate either a ground-
referenced or a VDD referenced programmed voltage. A simple external circuit can be used to
generate a programmable current for those drivers that require a current rather than a voltage
input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com